Electronic Components Datasheet Search |
|
FPF2002 Datasheet(PDF) 7 Page - Fairchild Semiconductor |
|
FPF2002 Datasheet(HTML) 7 Page - Fairchild Semiconductor |
7 / 10 page 7 www.fairchildsemi.com FPF2000-FPF2007 Rev. C1 Typical Characteristics Description of Operation The FPF2000-FPF2007 are current limited switches that protect systems and loads which can be damaged or disrupted by the application of high currents. The core of each device is a 0.7 Ω P-channel MOSFET and a controller capable of functioning over a wide input operating range of 1.8-5.5V. The controller protects against system malfunctions through current limiting, under- voltage lockout and thermal shutdown. The current limit is pre- set for either 50mA or 100mA. On/Off Control The ON pin controls the state of the switch. Active HI and LO versions are available. Refer to the Ordering Information for details. Activating ON continuously holds the switch in the on state so long as there is no fault. For all versions, an under-volt- age on VIN or a junction temperature in excess of 150°C over- rides the ON control to turn off the switch. In addition, excessive currents will cause the switch to turn off in FPF2000-FPF2002 and FPF2004-FPF2007. The FPF2000, FPF2001, FPF2004 and FPF2005 have an Auto-Restart feature which will automati- cally turn the switch on again after 80ms. For the FPF2002 and FPF2006, the ON pin must be toggled to turn-on the switch again. The FPF2003 and FPF2007 do not turn off in response to a over current condition but instead remain operating in a constant current mode so long as ON is active and the thermal shutdown or under-voltage lockout have not activated. Fault Reporting Upon the detection of an over-current, an input under-voltage, or an over-temperature condition, the FLAGB signals the fault mode by activating LO. For the FPF2000-FPF2002 and FPF2004-FPF2006, the FLAGB goes LO at the end of the blanking time while FLAGB goes LO immediately for the FPF2003 and FPF2007. FLAGB remains LO through the Auto- Restart Time for the FPF2000, FPF2001 FPF2004 and FPF2005. For the FPF2002 and FPF2006, FLAGB is latched LO and ON must be toggled to release it. With the FPF2003 and FPF2007, FLAGB is LO during the faults and immediately returns HI at the end of the fault condition. FLAGB is an open- drain MOSFET which requires a pull-up resistor between VIN and FLAGB. During shutdown, the pull-down on FLAGB is dis- abled to reduce current draw from the supply. Current Limiting The current limit ensures that the current through the switch doesn’t exceed a maximum value while not limiting at less than a minimum value. For the FPF2000-FPF2003 the minimum cur- rent is 50mA and the maximum current is 100mA and for the FPF2004-FPF2007 the minimum current is 100mA and the maximum current is 200mA. The FPF2000-FPF2002 and the FPF2004-FPF2006, have a blanking time of 10ms, nominally, during which the switch will act as a constant current source. At the end of the blanking time, the switch will be turned-off and the FLAGB pin will activate to indicate that current limiting has occurred. The FPF2003 and FPF2007 have no current limit blanking period so immediately upon a current limit condition FLAGB is activated. These parts will remain in a constant cur- rent state until the ON pin is deactivated or the thermal shut- down turns-off the switch. Under-Voltage Lockout The under-voltage lockout turns-off the switch if the input volt- age drops below the under-voltage lockout threshold. With the ON pin active the input voltage rising above the under-voltage lockout threshold will cause a controlled turn-on of the switch which limits current over-shoots. Thermal Shutdown The thermal shutdown protects the die from internally or exter- nally generated excessive temperatures. During an over-tem- perature condition the FLAGB is activated and the switch is turned-off. The switch automatically turns-on again if tempera- ture of the die drops below the threshold temperature. Figure 19. Current-Limit Response Time (Output to GND) Figure 20. Current-Limit Response VIN =VON 2V / DIV IOUT 100mA / DIV VIN 2V / DIV VON 2V / DIV IOUT 100mA / DIV VOUT (Shorted to GND) CIN = 10uF COUT = 1uF CIN = 1uF COUT = 1uF 20uS/DIV 20uS/DIV |
Similar Part No. - FPF2002 |
|
Similar Description - FPF2002 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |