Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2002 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FPF2002
Description  IntelliMAX??Advanced Load Management Products
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2002 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FPF2002 Datasheet HTML 2Page - Fairchild Semiconductor FPF2002 Datasheet HTML 3Page - Fairchild Semiconductor FPF2002 Datasheet HTML 4Page - Fairchild Semiconductor FPF2002 Datasheet HTML 5Page - Fairchild Semiconductor FPF2002 Datasheet HTML 6Page - Fairchild Semiconductor FPF2002 Datasheet HTML 7Page - Fairchild Semiconductor FPF2002 Datasheet HTML 8Page - Fairchild Semiconductor FPF2002 Datasheet HTML 9Page - Fairchild Semiconductor FPF2002 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.fairchildsemi.com
FPF2000-FPF2007 Rev. C1
Typical Characteristics
0.1
1
10
100
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
°C)
ILOAD = 10mA
VCC = 3.3V
TON
TOFF
0.01
0.1
1
10
100
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
°C)
ILOAD = 10mA
VCC = 3.3V
TRise
TFall
Figure 13. Ton/Toff vs. Temperature
Figure 14. Trise/Tfall vs. Temperature
Figure 15. Turn-On Response
Figure 16. Turn-Off Response
8
9
10
11
12
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
°C)
Figure 17. Blank Time vs. Temperature
Figure 18. Fault Blanking Response
VON
2V / DIV
IOUT
10mA / DIV
VON
2V / DIV
IOUT
10mA / DIV
VDRV
2V / DIV
VOUT
2V / DIV
IOUT
2V / DIV
VFLAG
2V / DIV
100nS/DIV
5mS/DIV
50uS/DIV


Similar Part No. - FPF2002

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2002 FAIRCHILD-FPF2002 Datasheet
417Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2002 FAIRCHILD-FPF2002 Datasheet
291Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2002 FAIRCHILD-FPF2002 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
logo
ON Semiconductor
FPF2002 ONSEMI-FPF2002 Datasheet
365Kb / 14P
   Advanced Load Management Products
October 2008 Rev. H
More results

Similar Description - FPF2002

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com