Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

409-32035 Datasheet(PDF) 14 Page - TE Connectivity Ltd

Part # 409-32035
Description  AMP-O-LECTRIC Model G II
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

409-32035 Datasheet(HTML) 14 Page - TE Connectivity Ltd

Back Button 409-32035 Datasheet HTML 10Page - TE Connectivity Ltd 409-32035 Datasheet HTML 11Page - TE Connectivity Ltd 409-32035 Datasheet HTML 12Page - TE Connectivity Ltd 409-32035 Datasheet HTML 13Page - TE Connectivity Ltd 409-32035 Datasheet HTML 14Page - TE Connectivity Ltd 409-32035 Datasheet HTML 15Page - TE Connectivity Ltd 409-32035 Datasheet HTML 16Page - TE Connectivity Ltd 409-32035 Datasheet HTML 17Page - TE Connectivity Ltd 409-32035 Datasheet HTML 18Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
409-32035
Rev C
14 of 20
Figure 10
6. ADJUSTMENTS
The following adjustments are necessary to maintain the machine in operating condition, and to set up the
machine after replacing parts.
DANGER
To avoid personal injury, ALWAYS disconnect electrical and air supplies before performing adjustments.
6.1. Measuring the Shut Height
The shut height is the distance between the bottom surface of the ram post adaptor and the top surface of the
machine base plate as shown in Figure 11.
NOTE
Shut Height Gage PN 679655-2 (see the table in Figure 11) is recommended for measuring shut height (refer to 408-8535 for
instructions on use of the gage).
1.
If installed, adjust the manual precision adjustment lever to the “0" setting.
2. Remove the top interlocked cover by pulling straight up.
3. Place a customer supplied (22 mm) wrench on the crankshaft nut. Use the wrench to manually rotate
the crankshaft.
NOTE
Be sure to remove the wrench and re-install the top interlocked cover before operating the machine. The machine will not
run until the cover is in place.
4. Follow the procedure for measuring the shut height as described in 408-8535.
Shut Height Gage
Machine Part Numbers
Shut Height Dimensions
Applicator Type
679655-2
2161400-[ ] AND 2161500-[ ] 135.79 ±0.025 [5.346 ±.0010]
TE-Type
Figure 11
Lubrication Points
Lubrication Points
Shut Height Dimension
(See Table Below)


Similar Part No. - 409-32035

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
409-32041 TEC-409-32041 Datasheet
695Kb / 9P
   12 Ton Pistol Grip
More results

Similar Description - 409-32035

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GDTL494 ETL-GDTL494 Datasheet
251Kb / 5P
   V O L T A G E M O D E P W M C O N T R O L C II R C U II T
logo
Magnetrol International...
804-R010-330 MAGNETROL-804-R010-330 Datasheet
456Kb / 32P
   Kotron짰 Sentinel II Model 804 RF Level Transmitter
logo
Weidmuller
0205400000 WEIDMULLER-0205400000 Datasheet
493Kb / 1P
   SAKG 28 III SAKG 32 II SAKG 32 III SAKG 32 II G SAKG 32 I SAKG 28 II G
logo
Toshiba Semiconductor
TA8553FN TOSHIBA-TA8553FN Datasheet
421Kb / 12P
   G-FORCE SENSOR AMP IC
logo
RFE international
1N4001G RFE-1N4001G Datasheet
573Kb / 2P
   GENERAL PURPOSE RECTIFIER 1IN4001(G) Thru 1N4007(G) 1.0 Amp
2014.04.01
logo
National Semiconductor ...
LMV921_QUAL NSC-LMV921_QUAL Datasheet
1Mb / 42P
   1.8V RR I/O Op Amp
logo
E-Tech Electronics LTD
GSC2129 ETL-GSC2129 Datasheet
558Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2178 ETL-G5U2178 Datasheet
586Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
G5U2179 ETL-G5U2179 Datasheet
558Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GSC2128 ETL-GSC2128 Datasheet
584Kb / 6P
   C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com