Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT-350 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # LT-350
Description  BLACK COLOR NI/CU POLYESTER TAFFETA FABRIC-OVER-FOAM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

LT-350 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  LT-350 Datasheet HTML 1Page - Laird Tech Smart Technology LT-350 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovative Technology
for a Connected World
EMI-DS-FOF-203 0111
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of
Laird Technologies materials rests with the end user. Laird Technologies makes no warranties as to the fitness, merchantability, suitability or non-infringement of any Laird Technologies materials or products for
any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and
Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2011 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies
Logo, and other marks are trade marks or registered trade marks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein
provides a license under any Laird Technologies or any third party intellectual property rights.
ORDERING INFORMATION
PART NUMBER EXAMPLE
PRESSURE SENSITIVE ADHESIVE (PSA TAPE) OPTIONS
COMPOSITION OF PRODUCT
W
Conductive fabric
Polyurethane foam
PSA tape (option)
H
Item
Unit
Value
Test Method
Shielding Effectiveness
at 100 MHz
110
SAE-ARP-1705(Mod.)
at 1 GHz
dB
112
(W10 mm x H8 mm)
Surface Resistivity
Ω/□
< 0.06
ASTM F390
Compression Set
%
< 20
ASTM D3574
Operation Temperature
°C
-40 ~ 70
-
Hazardous Substance
Compliant with RoHS (Directive 2002/95/EC)
Compliant with SONY ss-00259
Halogen-free (based on IEC-61249-2-21)
Antimony-free
Shelf Life
12 months at 23°C/ 60% R.H.
Name
Type
Thickness (mm) Peel strength on stainless steel
(JIS Z 0237)
Z-axis Resistance
(ASTM D-257)
LT-301
Conductive PSA
0.09
> 1.3 kgf/25 mm
< 0.05 Ω
LT-350
PSA
0.12
> 2 kgf/25 mm
-
*OtherPSAcanbeprovided.ContactLairdTechnologiesengineering.
Digits:
1
2
3
4
5
6
7
8
9
10
11
12
13
14
4
2
1
6
A
A
-
-
0
1
4
0
0
Profile S hape & Details
Product
Name
Part L ength
203 EMI Gaskets
Fabric-over-Foam
2
0
3


Similar Part No. - LT-350

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
LT-350 LSTD-LT-350 Datasheet
454Kb / 2P
   Fabric-over-Foam gaskets are RoHS compliant
LT-350 LSTD-LT-350 Datasheet
620Kb / 2P
   NI/CU POLYESTER TAFFETA FABRIC-OVER-FOAM
More results

Similar Description - LT-350

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
501 LSTD-501 Datasheet
620Kb / 2P
   NI/CU POLYESTER TAFFETA FABRIC-OVER-FOAM
85203 LSTD-85203 Datasheet
543Kb / 2P
   NI/CU POLYESTER BLACK CONDUCTIVE FABRIC TAPE
86205 LSTD-86205 Datasheet
542Kb / 2P
   NI/CU POLYESTER BLACK CONDUCTIVE FABRIC TAPE
86204 LSTD-86204 Datasheet
541Kb / 2P
   NI/CU POLYESTER BLACK CONDUCTIVE FABRIC TAPE
87580 LSTD-87580 Datasheet
386Kb / 2P
   RATED NI/CU CONDUCTIVE FABRIC TAPE
51E LSTD-51E Datasheet
454Kb / 2P
   Fabric-over-Foam gaskets are RoHS compliant
DN50A LSTD-DN50A Datasheet
546Kb / 2P
   NI/CU DOUBLE-SIDED CONDUCTIVE FABRIC TAPE
logo
Orbel Corporation
040R125-024000 ORBEL-040R125-024000 Datasheet
200Kb / 2P
   GASKET FABRIC FOAM RECTANGULAT 0
REV. 01
157S157-024000 ORBEL-157S157-024000 Datasheet
204Kb / 2P
   GASKET FABRIC FOAM SQUARE 0.157"
REV. 01
logo
Assmann Electronics Inc...
A-USB-A-2P-C ASSMANN-A-USB-A-2P-C Datasheet
177Kb / 1P
   Insulation: Glass Filled polyester UL94V-0, Color Black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com