Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C102KCRACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C102KCRACAUTO
Description  Capacitor, Ceramic, SMD, MLCC, High Voltage, Temp Stable, Auto Grade, 1000 pF, /-10% Tol, 500 V, X7R, 1206 (3216 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C102KCRACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C102KCRACAUTO Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/22/2016 - 992f658f-954c-4397-92b7-a34bfabb731d
KEMET Part Number: C1206C102KCRACAUTO
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temp Stable, Auto Grade, 1000 pF, +/-10% Tol, 500 V, X7R, 1206 (3216 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
3.2
+/-0.2
W
1.6
+/-0.2
T
1.6
+/-0.15
B
0.5
+/-0.25
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Plastic Tape
Package Quantity: 2000
General Information
Supplier: KEMET
Application: Automotive (AEC-Q200
Qualified)
Chip Size: 1206 (3216 metric)
Temperature Coefficient: X7R
Part Type Description: SMD, MLCC, High Voltage,
Temp Stable, Auto Grade
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Approvals: AEC-Q200
Specifications
Capacitance: 1000 pF
Voltage: 500 V
Tolerance: +/-10%
Temperature Range: -55/+125C
Dissipation Factor: 2.5%
Failure Rate: N/A
Aging Rate: 3% loss/decade hour
Insulation Resistance: 100 GOhm
Dielectric Strength: 750 V
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1206C102KCRACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C102KCRAC KEMET-C1206C102KCRAC Datasheet
489Kb / 4P
   CERAMIC CHIP / HIGH VOLTAGE
C1206C102KCRACTU KEMET-C1206C102KCRACTU Datasheet
489Kb / 4P
   CERAMIC CHIP / HIGH VOLTAGE
More results

Similar Description - C1206C102KCRACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C472KCRACAUTO KEMET-C1206C472KCRACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temp Stable, Auto Grade, 4700 pF, /-10% Tol, 500 V, X7R, 1206 (3216 metric)
C1206C102KBRACAUTO KEMET-C1206C102KBRACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temp Stable, Auto Grade, 1000 pF, /-10% Tol, 630 V, X7R, 1206 (3216 metric)
C1206C103KCRACAUTO KEMET-C1206C103KCRACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temp Stable, Auto Grade, 0.01 uF, /-10% Tol, 500 V, X7R, 1206 (3216 metric)
C1206C682KBRACAUTO KEMET-C1206C682KBRACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temp Stable, Auto Grade, 6800 pF, /-10% Tol, 630 V, X7R, 1206 (3216 metric)
C1206C103KDRACAUTO KEMET-C1206C103KDRACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temp Stable, Auto Grade, 0.01 uF, /-10% Tol, 1000 V, X7R, 1206 (3216 metric)
C1206C332KBRACAUTO KEMET-C1206C332KBRACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temp Stable, Auto Grade, 3300 pF, /-10% Tol, 630 V, X7R, 1206 (3216 metric)
C1206C152KBRACAUTO KEMET-C1206C152KBRACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temp Stable, Auto Grade, 1500 pF, /-10% Tol, 630 V, X7R, 1206 (3216 metric)
C1206C472KBRACAUTO KEMET-C1206C472KBRACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temp Stable, Auto Grade, 4700 pF, /-10% Tol, 630 V, X7R, 1206 (3216 metric)
C1206C471KCRACTU KEMET-C1206C471KCRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 470 pF, /-10% Tol, 500 V, X7R, 1206 (3216 metric)
C1206C101KCRACTU KEMET-C1206C101KCRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 100 pF, /-10% Tol, 500 V, X7R, 1206 (3216 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com