Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C472KDRACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805C472KDRACTU
Description  Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 4700 pF, /-10% Tol, 1000 V, X7R, 0805 (2012 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C472KDRACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0805C472KDRACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/22/2016 - 6acd57db-5e2f-493b-8de1-476e699b0ab0
KEMET Part Number: C0805C472KDRACTU
(C0805C472KDRAC7800)
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 4700 pF, +/-10% Tol, 1000 V, X7R, 0805 (2012 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
2
+/-0.2
W
1.25
+/-0.2
T
1.25
+/-0.15
B
0.5
+/-0.25
S
0.75
MIN
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Plastic Tape
Package Quantity: 2500
General Information
Supplier: KEMET
Application: Standard Chip
Chip Size: 0805 (2012 metric)
Temperature Coefficient: X7R
Part Type Description: SMD, MLCC, High Voltage,
Temperature Stable
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 4700 pF
Voltage: 1000 V
Tolerance: +/-10%
Temperature Range: -55/+125C
Dissipation Factor: 2.5%
Failure Rate: N/A
Aging Rate: 3% loss/decade hour
Insulation Resistance: 10 GOhm
Dielectric Strength: 1200 V
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0805C472KDRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C472KDRACAUTO KEMET-C0805C472KDRACAUTO Datasheet
72Kb / 1P
   SMD Auto X7R HV, Ceramic, 4700 pF, 10%, 1,000 V, X7R, SMD, MLCC, High Voltage, Temperature Stable, Automotive Grade, 0805
More results

Similar Description - C0805C472KDRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C472KCRACTU KEMET-C0805C472KCRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 4700 pF, /-10% Tol, 500 V, X7R, 0805 (2012 metric)
C0805C102KDRACTU KEMET-C0805C102KDRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 1000 pF, /-10% Tol, 1000 V, X7R, 0805 (2012 metric)
C0805C221KDRACTU KEMET-C0805C221KDRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 220 pF, /-10% Tol, 1000 V, X7R, 0805 (2012 metric)
C0805C101KDRACTU KEMET-C0805C101KDRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 100 pF, /-10% Tol, 1000 V, X7R, 0805 (2012 metric)
C0805C222KDRACTU KEMET-C0805C222KDRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 2200 pF, /-10% Tol, 1000 V, X7R, 0805 (2012 metric)
C0805C331KDRACTU KEMET-C0805C331KDRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 330 pF, /-10% Tol, 1000 V, X7R, 0805 (2012 metric)
C0805C102KCRACTU KEMET-C0805C102KCRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 1000 pF, /-10% Tol, 500 V, X7R, 0805 (2012 metric)
C0805C102MDRACTU KEMET-C0805C102MDRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 1000 pF, /-20% Tol, 1000 V, X7R, 0805 (2012 metric)
C0805C472KARACTU KEMET-C0805C472KARACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Tip & Ring, Temperature Stable, 4700 pF, /-10% Tol, 250 V, X7R, 0805 (2012 metric)
C0805C472K5RACAUTO KEMET-C0805C472K5RACAUTO Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Automotive Grade, 4700 pF, /-10% Tol, 50 V, X7R, 0805 (2012 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com