Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FMS6145 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FMS6145
Description  Low Cost Five Channel 4th Order Standard Definition Video Filter Driver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6145 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMS6145 Datasheet HTML 1Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.fairchildsemi.com
Features
• Five fourth-order 8MHz (SD) filters
• Transparent input clamping
• Dual video load drive (2Vpp, 75
Ω )
• AC or DC-coupled inputs
• AC or DC-coupled outputs
• DC-coupled outputs eliminate AC-coupling
capacitors 5V only
• Lead Free package - TSSOP-14
Applications
• Cable set top boxes
• Satellite set top boxes
• DVD players
• HDTV
• Personal video recorders (PVR)
• Video on demand (VOD)
Description
FMS6145 Low Cost Video Filter (LCVF) is intended to
replace passive LC filters and drivers with a low-cost
integrated device. Five 4th order filters provide improved
image quality compared to typical 2nd or 3rd order passive
solutions.
The FMS6145 may be directly driven by a DC-coupled DAC
output or an AC-coupled signal. Internal diode clamps and
bias circuitry may be used if AC-coupled inputs are required
(see applications section for details).
The outputs can drive AC or DC-coupled single (150
Ω) or
dual (75
Ω) loads. DC-coupling the outputs removes the need
for output coupling capacitors. The input DC levels will be
offset approximately +280mV at the output (see applications
section for details).
FMS6145
Low Cost Five Channel 4th Order Standard
Definition Video Filter Driver
Ordering Information
Temperature range for all parts: 0°C to +70°C.
Contact your local Fairchild Semiconductor
distributor for additional product information
Model
Part Number
Lead
Free
Package
Container
Pack Qty
FMS6145
FMS6145MTC14_NL
TSSOP-14
Tube
94
FMS6145
FMS6145MTC14X_NL
TSSOP-14
Tape and Reel
2500
August 2004
© 2004 Fairchild Semiconductor Corporation
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICES TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION
OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES
IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN
APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems which, (a) are intended for
surgical implant into the body, or (b) support or sustain life, and (c) whose failure to per
form when properly used in accordance with instructions for use provided in the labeling,
can be reasonably expected to result in a significant injury of the user.
2. A critical component in any component of a life support device or system whose failure
to perform can be reasonably expected to cause the failure of the life support device or
system, or to affect its safety or effectiveness.


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn