Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C350C683J1G5TA7301 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C350C683J1G5TA7301
Description  Ceramic, Commercial Grade, KEMET, GoldMax, 0.068 uF, 5%, 100 V, C0G, Lead Spacing = 10.16mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C350C683J1G5TA7301 Datasheet(HTML) 1 Page - Kemet Corporation

  C350C683J1G5TA7301 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 99a75e8a-c059-47a1-931d-910de29a808b
KEMET Part Number: C350C683J1G5TA7301
(C350C683J1G5TATR)
Ceramic, Commercial Grade, KEMET, GoldMax, 0.068 uF, 5%, 100 V, C0G, Lead Spacing = 10.16mm
Dimensions
L
8.38mm MAX
H
10.16mm MAX
T
5.08mm MAX
S
10.16mm NOM
LL
7mm MIN
F
0.64mm NOM
Packaging Specifications
Packaging: T&R, 305mm, H0 = 16mm
Packaging Quantity: 500
General Information
Style: Radial
Supplier: KEMET
Series: GoldMax
Description: GoldMax, Commercial Standard
RoHS: Yes
Termination: Tin
Failure Rate: N/A
Specifications
Capacitance: 0.068 uF
Capacitance Tolerance: 5%
Voltage DC: 100 VDC
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 14.71 GOhms
Dielectric Strength: 250 V
© 2006 - 2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C350C683J1G5TA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C350C106J1R5HA7301 KEMET-C350C106J1R5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C350C106J1R5TA7301 KEMET-C350C106J1R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C350C106J2R5HA7301 KEMET-C350C106J2R5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C350C106J2R5TA7301 KEMET-C350C106J2R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C350C106J3R5HA7301 KEMET-C350C106J3R5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
More results

Similar Description - C350C683J1G5TA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C350C124J1G5TA7301 KEMET-C350C124J1G5TA7301 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, KEMET, GoldMax, 0.12 uF, 5%, 100 V, C0G, Lead Spacing = 10.16mm
C350C823J1G5TA7301 KEMET-C350C823J1G5TA7301 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, KEMET, GoldMax, 0.082 uF, 5%, 100 V, C0G, Lead Spacing = 10.16mm
C330C153J1G5TA KEMET-C330C153J1G5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.015 uF, 5%, 100 V, C0G, Lead Spacing = 5.08mm
C340C683J1G5TA KEMET-C340C683J1G5TA Datasheet
57Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 0.068 uF, 5%, 100 VDC, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C330C223J1G5TA7303 KEMET-C330C223J1G5TA7303 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.022 uF, 5%, 100 V, C0G, Lead Spacing = 5.08mm
C317C101J1G5TA KEMET-C317C101J1G5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 100 pF, 5%, 100 V, C0G, Lead Spacing = 5.08mm
C322C683K1R5TA KEMET-C322C683K1R5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 0.068 uF, 10%, 100 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C330C103JBG5TA KEMET-C330C103JBG5TA Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.01 uF, 5%, 630 V, C0G, Lead Spacing = 5.08mm
C320C683K1R5TA7303 KEMET-C320C683K1R5TA7303 Datasheet
56Kb / 1P
   Ceramic, GoldMax, 0.068 uF, 10%, 100 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C322C221J2G5TA7301 KEMET-C322C221J2G5TA7301 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, KEMET, GoldMax, 220 pF, 5%, 200 V, C0G, Lead Spacing = 5.08mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com