Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

408-4303 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 408-4303
Description  Pneumatic CERTI-CRIMP Tool Holder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

408-4303 Datasheet(HTML) 4 Page - Tyco Electronics

  408-4303 Datasheet HTML 1Page - Tyco Electronics 408-4303 Datasheet HTML 2Page - Tyco Electronics 408-4303 Datasheet HTML 3Page - Tyco Electronics 408-4303 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
408- 4303
Pneumatic CERTI- CRIMP Tool Holder Assemblies 356302- 1, 356303- 1, and 1673611- 1
Rev F
4
of 4
Tyco Electronics Corporation
7. REVISION SUMMARY
Since the previous release of this sheet, the following
changes were made:
S
Updated document to corporate requirements
S
Added ORIGINAL INSTRUCTIONS
2
9
10
5
4
12
6
7
3
1
11
8
13
14
ITEM
PART NUMBER
DESCRIPTION
QTY PER TOOL HOLDER
ITEM
PART NUMBER
DESCRIPTION
356302--1
356303--1
1673611--1
356438--1
CAM, Small
--
1
--
1
356444--1
CAM, Large
1
--
--
1673602--1
CAM, Logic, Short
--
--
1
2
356439--1
ECCENTRIC
1
1
1
3
356440--2
INSERT, 626 Ratchet
--
1
1
3
356440--1
INSERT, 626 Ratchet
1
--
--
4
356441--1
PAWL
1
1
1
5
354425--1s
PIN, Pivot
2
2
2
6
3--21028--5
PIN, Slotted Spring (.09 x .375 in.)
--
2
2
7
4--21028--4
PIN, Slotted Spring (.09 x 1.00 in.)
2
2
2
8
4--21028--9
PIN, Slotted Spring (.125 x .375 in.)
1
1
1
9
356437--1
PLATE, Eccentric Adjustment
1
1
1
10
1--21000--5
SCREW, Socket Head Cap (4--40 x .500 in.)
4
4
4
11
189765--1s
SETSCREW, Cam
1
1
1
12
37887
SPRING
1
1
1
13
356442--1
TOOL HOLDER, Small
--
1
1
13
356443--1
TOOL HOLDER, Large
1
--
--
14
21055--4
WASHER, Flat No. 4
3
3
3
Not
356022--1s
SLEEVE, Safety, Small
--
1
1
Not
Shown
356022--2s
SLEEVE, Safety, Large
1
--
--
Figure 4
s
Recommended Spare Part


Similar Part No. - 408-4303

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4321 MACOM-408-4321 Datasheet
139Kb / 4P
   Pneumatic CERTI-CRIMP Tool
logo
TE Connectivity Ltd
408-4328 TEC-408-4328 Datasheet
106Kb / 4P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY.
408-4328 TEC-408-4328 Datasheet
338Kb / 14P
   Single Connector Attachments
logo
Tyco Electronics
408-4342 MACOM-408-4342 Datasheet
254Kb / 5P
   Reason for revision can be found in Section 11, REVISION SUMMARY.
408-4343 MACOM-408-4343 Datasheet
246Kb / 5P
   The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping.
More results

Similar Description - 408-4303

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4321 MACOM-408-4321 Datasheet
139Kb / 4P
   Pneumatic CERTI-CRIMP Tool
408-10021 MACOM-408-10021 Datasheet
530Kb / 5P
   The CERTI--CRIMP II Tool Holder Assembly
logo
List of Unclassifed Man...
WA23 ETC-WA23 Datasheet
1Mb / 3P
   HEAVY DUTY PNEUMATIC CRIMP TOOL
REV.E
logo
Tyco Electronics
1583007 MACOM-1583007 Datasheet
94Kb / 1P
   CERTI- CRIMP II TOOL DATA SHEET EI SERIES CONNECTORS
logo
TE Connectivity Ltd
411-1050 TEC-411-1050 Datasheet
371Kb / 5P
   CERTI-CRIMP Hand Tools
408-7235 TEC-408-7235 Datasheet
69Kb / 4P
   CERTI-CRIMP Hand Crimping Tools
logo
List of Unclassifed Man...
AMT23B ETC2-AMT23B Datasheet
1Mb / 1P
   ENVELOPE DRAWING PNEUMATIC CRIMP TOOL (REF:M22520/23-01)
logo
Tyco Electronics
59824-1 MACOM-59824-1 Datasheet
4Mb / 8P
   Premium CERTI-CRIMP II Hand Tools
logo
PHOENIX CONTACT
SF-Z0022 PHOENIX-SF-Z0022 Datasheet
44Kb / 2P
   Pneumatic crimping tool
logo
Molex Electronics Ltd.
64007-7100 MOLEX11-64007-7100 Datasheet
29Kb / 1P
   Crimp Head for the AT-200 Pneumatic Hand Tool
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com