Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C330C273J1G5TA Datasheet(PDF) 1 Page - Kemet Corporation

Part # C330C273J1G5TA
Description  Capacitor, ceramic, 0.027 uF, /-5% Tol, 100 V, C0G, Lead Spacing=0.2"
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C330C273J1G5TA Datasheet(HTML) 1 Page - Kemet Corporation

  C330C273J1G5TA Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 8/09/2016 - 4904fbea-5cf8-48ec-ac15-a7ff73adf03b
KEMET Part Number: C330C273J1G5TA
Capacitor, ceramic, 0.027 uF, +/-5% Tol, 100 V, C0G, Lead Spacing=0.2"
Dimensions (mm)
Symbol
Dimension
Tolerance
L
7.11
MAX
H
9.14
MAX
T
4.07
MAX
S
5.08
NOM
LL
7
MIN
F
0.51
NOM
Packaging Specifications
Package Kind: Bulk
Package Type: Bag
Package Quantity: 250
General Information
Supplier: KEMET
Application: General Purpose
Temperature Coefficient: C0G
Body Type: Radial Conformal
Lead Type: Wire Leads
Termination Type: Tin (Sn)
RoHS: Yes
Specifications
Capacitance: 0.027 uF
Voltage: 100 V
Tolerance: +/-5%
Temperature Range: -55/+125C
Failure Rate: N/A
Dissipation Factor: 0.1%
Insulation Resistance: 37.04 GOhm
Dielectric Strength: 250 V
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C330C273J1G5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C330C223J1G5TA7303 KEMET-C330C223J1G5TA7303 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.022 uF, 5%, 100 V, C0G, Lead Spacing = 5.08mm
C330C223K2R5TA KEMET-C330C223K2R5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 0.022 uF, 10%, 200 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C330C224K1R5TA KEMET-C330C224K1R5TA Datasheet
52Kb / 1P
   Capacitor, ceramic, 0.22 uF, /-10% Tol, 100V, X7R, Lead Spacing=0.2"||" "573154
Fast Recovery Rectifier 1N3899 - 1N3903
C330C224K1R5TA KEMET-C330C224K1R5TA Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.22 uF, 10%, 100 V, X7R, Lead Spacing = 5.08mm
C330C224K1R5TA KEMET-C330C224K1R5TA_17 Datasheet
55Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 0.22 uF, 10%, 100 V, X7R, Lead Spacing = 5.08mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com