Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1--21003--9 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1--21003--9
Description  0.8mm CHAMP* Crimper Assemblies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1--21003--9 Datasheet(HTML) 1 Page - Tyco Electronics

  1--21003--9 Datasheet HTML 1Page - Tyco Electronics 1--21003--9 Datasheet HTML 2Page - Tyco Electronics 1--21003--9 Datasheet HTML 3Page - Tyco Electronics 1--21003--9 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Instruction Sheet
0.8mm CHAMP* Crimper Assemblies
408--4040
LOC B
1
of 4
E
2010 Tyco Electronics Corporation, Berwyn, PA
All Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other products names, logos, or company names might be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
25 FEB 10 Rev C
122842- 1, 122842- 2, and 122842- 3
Figure 1
Adjustment Ring
(Ref)
Handle (Ref)
Setscrew
(Ref)
Socket Head Cap Screw
(Ref)
Tool Mount
Crimper
Ram (Ref)
Frame Assembly
SlideBase(Ref)
Tool Stop (Ref)
Support
Block
Slide Plate
Cable Clamp
Spring
Rear Tool Stop
Flat Head Cap
Screw (Qty: 2)
Manual Arbor Frame
Assembly 91085--2 (Ref)
1. INTRODUCTION
0.8mm CHAMP Crimper Assemblies 122842--1,
122842--2, and 122842--3 are designed for use in
Manual Arbor Frame Assembly 91085--2 (shown in
Figure 1) and are used to crimp metal backshell
assemblies onto 0.8mm CHAMP connectors. This
instruction sheet provides procedures for crimper
assembly installation, adjustments, crimping, and
maintenance and inspection. Refer to instruction
sheet 408--7777 for details concerning the operation
and maintenance of the arbor frame assembly.
Read these instructions thoroughly before using the
crimper assembly.
All numerical values in this instruction sheet are
in metric units [with U.S. customary units in
brackets]. Dimensions are in millimeters [and
inches]. Figures are not drawn to scale.
Reasons for reissue of this instruction sheet are
provided in Section 8, REVISION SUMMARY.
2. DESCRIPTION (See Figure 1)
The crimper assembly consists of an upper and lower
tooling assembly.
The upper tooling assembly consists of a tool mount
and a crimper. The crimper is secured to the tool
mount, which is mounted to the ram of the arbor
frame assembly with the socket head cap screws
supplied with the crimper assembly.
The lower tooling assembly consists of a slide plate, a
support block, and a cable clamp spring. The lower
tooling assembly mates with the slide base of the
arbor frame assembly.
3. INSTALLATION OF CRIMPER ASSEMBLY
To install the crimper assembly, refer to Figure 1, and
proceed as follows:
The frame assembly must be secured to a work
bench to ensure stability during operation.
NOTE
i
DANGER


Similar Part No. - 1--21003--9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1--21000--4 TEC-1--21000--4 Datasheet
123Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
logo
Tyco Electronics
1--21000--5 MACOM-1--21000--5 Datasheet
129Kb / 4P
   Pneumatic CERTI-CRIMP Tool Holder
logo
TE Connectivity Ltd
1--21000--7 TEC-1--21000--7 Datasheet
144Kb / 6P
   2 mm Common Termination Head Assembly
1--21000--7 TEC-1--21000--7 Datasheet
115Kb / 4P
   Base Assembly Universal
1--21000--8 TEC-1--21000--8 Datasheet
115Kb / 4P
   Base Assembly Universal
More results

Similar Description - 1--21003--9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5796055 MACOM-5796055 Datasheet
212Kb / 2P
   RECEPTACLE ASSEMBLY, RIGHT ANGLE, 68 POS, SHIELDED, CHAMP 0.8MM
552723-1 MACOM-552723-1 Datasheet
32Kb / 1P
   LATCH, LOCKING, CHAMP-LOK
logo
Molex Electronics Ltd.
63811-1100 MOLEX11-63811-1100 Datasheet
37Kb / 1P
   Hand Crimper
0011010088 MOLEX1-0011010088 Datasheet
22Kb / 1P
   Hand Crimper
0011010097 MOLEX1-0011010097 Datasheet
22Kb / 1P
   Hand Crimper
63811-7500 MOLEX11-63811-7500 Datasheet
39Kb / 1P
   Hand Crimper
0011010189 MOLEX-0011010189 Datasheet
30Kb / 1P
   Hand Crimper
11/04/2009
0011010209 MOLEX-0011010209 Datasheet
30Kb / 1P
   Hand Crimper
01/12/2010
logo
Tyco Electronics
5175677-2 MACOM-5175677-2 Datasheet
91Kb / 1P
   CHAMP .050 PLUG CONN. KIT
logo
Molex Electronics Ltd.
11-01-0117 MOLEX11-11-01-0117 Datasheet
22Kb / 1P
   Hand Crimper
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com