Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55A1142 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 55A1142
Description  This specification sheet forms a part of the latest issue of Raychem Specification 55A.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

55A1142 Datasheet(HTML) 1 Page - Tyco Electronics

  55A1142 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Users should evaluate the suitability of this product for their application. Specifications are subject to change without notice.
Tyco Electronics also reserves the right to make changes in materials or processing, which do not affect compliance with any specification, without notification to Buyer.
1
/ COLORS AND COLOR CODE DESIGNATORS SHALL BE IN ACCORDANCE WITH MIL-STD-681. HOWEVER, DUE TO LENGTH LIMITATIONS OF THE RAYCHEM PART NUMBER,
AN ALTERNATIVE COLOR CODE MAY REPLACE MIL-STD-681 COLOR CODE DESIGNATORS. (EXAMPLE: “901/902...” MAY BE REPLACED BY “Axxx”.) OTHER CODES AND
SUFFIXES MAY BE ADDED TO THE PART NUMBER AS NECESSARY, TO CAPTURE ANY ADDITIONAL REQUIREMENTS IMPOSED BY THE PURCHASE ORDER.
Page 1 of 1
The TE logo, Tyco Electronics and Raychem are trademarks.
Raychem Wire & Cable
501 Oakside Avenue
Redwood City, CA 94063-3800
Phone: 1-800-227-8816
Fax: 1-650-361-6297
DIMENSIONS ARE IN INCHES, AND UNLESS OTHERWISE DESIGNATED ARE NOMINAL
THIS SPECIFICATION SHEET TAKES PRECEDENCE OVER DOCUMENTS REFERENCED HEREIN.
REFERENCED DOCUMENTS SHALL BE OF THE ISSUE IN EFFECT ON DATE OF INVITATION FOR BID.
© 2008-2009 Tyco Electronics Corporation. All rights reserved.
SPECIFICATION CONTROL DRAWING
55A1142
FOUR CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
1-30-09
D
This specification sheet forms a part of the latest issue of Raychem Specification 55A.
JACKET - RADIATION-CROSSLINKED,
MODIFIED ETFE
COMPONENT WIRES - 55A0112
CABLE RATINGS AND ADDITIONAL REQUIREMENTS
TITLE
Date
Revision
SHIELD - SILVER-COATED COPPER
CABLE CONSTRUCTION DETAILS
PART NUMBER
1/
CONDUCTOR
SIZE
(AWG)
SHIELD
SIZE
(AWG)
JACKET THICKNESS
(inches)
OUTSIDE DIAMETER
(inches)
MAXIMUM
WEIGHT
(lbs/1000 ft.)
MINIMUM
NOMINAL
NOMINAL
MAXIMUM
55A1142-26-*
26
38
.006
.008
.110
.127
12.1
55A1142-24-*
24
38
.006
.008
.123
.141
15.6
55A1142-22-*
22
38
.006
.008
.137
.159
20.5
55A1142-20-*
20
38
.006
.008
.154
.179
28.1
55A1142-18-*
18
38
.006
.008
.178
.208
39.4
55A1142-16-*
16
38
.006
.008
.198
.231
48.4
55A1142-14-*
14
38
.007
.009
.241
.282
71.5
55A1142-12-*
12
38
.007
.009
.284
.334
102.
55A1142-10-*
10
38
.008
.010
.347
.408
156.
TEMPERATURE RATING: 200°C
Maximum continuous conductor temperature
VOLTAGE RATING: 600 volts (rms) at sea level
ACCELERATED AGING: 300 ± 3°C for 7 hours
BLOCKING: 200 ± 3°C for 6 hours
DIELECTRIC WITHSTAND: 1500 volts (rms), 60 Hz
FLAMMABILITY (Procedure 1): 3 seconds (maximum);
3 in. (maximum); no flaming of facial tissue
JACKET COLOR: White preferred
JACKET ELONGATION AND TENSILE STRENGTH:
Elongation, 50% (minimum)
Tensile Strength, 5000 lbf/in² (minimum)
JACKET FLAWS:
Spark Test, 1000 volts (rms)
Impulse Dielectric Test, 6.0 kV (peak)
NOTE: Nominal values are for information only.
Nominal values are not requirements.
LIFE CYCLE: 230 ± 3°C for 500 hours
LOW TEMPERATURE-COLD BEND: -65 ± 2°C for 4 hours
SHIELD COVERAGE: 85% (minimum)
VOLTAGE WITHSTAND TEST (Post Environmental):
1000 volts (rms), 60 Hz, 1 minute
PART NUMBER:
The “*” in the part numbers above shall be replaced by color code
designators with a slash separating the component wire colors and a
dash separating the component wire colors from the jacket color. Colors
shown do not necessarily reflect the sequence of manufacturing.
1
/ Example: AWG 20, black, brown, red and orange component wires;
white jacket: 55A1142-20-0/1/2/3-9


Similar Part No. - 55A1142

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
55A1141 TEC-55A1141 Datasheet
116Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specification 55A.
logo
Tyco Electronics
55A1141-10- MACOM-55A1141-10- Datasheet
44Kb / 1P
   FOUR CONDUCTIOR CABLE SHIELDED JACKETED GENERAL PURPOSE . 600 VOLT
55A1141-12- MACOM-55A1141-12- Datasheet
44Kb / 1P
   FOUR CONDUCTIOR CABLE SHIELDED JACKETED GENERAL PURPOSE . 600 VOLT
55A1141-14- MACOM-55A1141-14- Datasheet
44Kb / 1P
   FOUR CONDUCTIOR CABLE SHIELDED JACKETED GENERAL PURPOSE . 600 VOLT
55A1141-16- MACOM-55A1141-16- Datasheet
44Kb / 1P
   FOUR CONDUCTIOR CABLE SHIELDED JACKETED GENERAL PURPOSE . 600 VOLT
More results

Similar Description - 55A1142

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55A0113 MACOM-55A0113 Datasheet
34Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 55A.
logo
TE Connectivity Ltd
55A7584 TEC-55A7584 Datasheet
30Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specification 55A.
55A0116 TEC-55A0116 Datasheet
34Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 55A.
logo
Tyco Electronics
55A4121 MACOM-55A4121 Datasheet
122Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specification 55A.
55A6253 MACOM-55A6253 Datasheet
55Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specification 55A.
55A4823 MACOM-55A4823 Datasheet
34Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specification 55A
55A6803 MACOM-55A6803 Datasheet
31Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specification 55A
logo
TE Connectivity Ltd
55A0141 TEC-55A0141 Datasheet
27Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specification 55A.
55A0212 TEC-55A0212 Datasheet
143Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 55A.
logo
Tyco Electronics
55A6801 MACOM-55A6801 Datasheet
27Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specification 55A
logo
TE Connectivity Ltd
55A0811 TEC-55A0811 Datasheet
39Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 55A.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com