Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

44A0212 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 44A0212
Description  This specification sheet forms a part of the latest issue of Raychem Specification 44 and MIL-W-81044 as applicable.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

44A0212 Datasheet(HTML) 1 Page - Tyco Electronics

  44A0212 Datasheet HTML 1Page - Tyco Electronics 44A0212 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Date
Revision
TITLE
This specification sheet forms a part of the latest issue of Raychem Specification 44 and MIL-W-81044 as applicable.
CONDUCTOR - SILVER-COATED COPPER
JACKET - RADIATION-CROSSLINKED,
MODIFIED PVF
2
Thickness: .004 ± .001 in.
D
WIRE, RADIATION-CROSSLINKED, POLYALKENE-INSULATED,
LIGHT WEIGHT, GENERAL PURPOSE, 1000 VOLT
PART NUMBER
1/
WIRE
SIZE
(AWG)
CONDUCTOR
STRANDING
(number x AWG)
MAXIMUM
DIAMETER
STRANDED
CONDUCTOR
(in.)
MAXIMUM
RESISTANCE AT
20°C
(ohms/1000ft.)
TABLE I. CONSTRUCTION DETAILS
MAXIMUM
WEIGHT
(lbs/1000 ft.)
DIAMETER
(in.)
.021
.026
.033
.041
.052
.058
.072
.090
.118
.176
.218
.272
1.6
2.4
3.5
5.1
7.7
9.8
14.7
22.1
35.6
61.8
94.5
150.
38.4
24.3
15.1
9.19
5.79
4.52
2.88
1.90
1.19
.658
.418
.264
.040 ± .002
.046 ± .002
.054 ± .002
.062 ± .002
.073 ± .003
.081 ± .003
.098 ± .004
.117 ± .004
.146 ± .004
.206 ± .006
.254 ± .007
.308 ± .008
19 x 38
19 x 36
19 x 34
19 x 32
19 x 30
19 x 29
19 x 27
37 x 28
37 x 26
133 x 29
133 x 27
133 x 25
44A0212-26-*
44A0212-24-*
44A0212-22-*
44A0212-20-*
44A0212-18-*
44A0212-16-*
44A0212-14-*
44A0212-12-*
44A0212-10-*
44A0212- 8-*
44A0212- 6-*
44A0212- 4-*
FINISHED WIRE
26
24
22
20
18
16
14
12
10
8
6
4
PART NUMBER
1/
TABLE II. PERFORMANCE DETAILS
BEND TESTING
MANDREL DIAMETER
(inch) (± 3%)
COLD
BEND
WRAP
IMMERSION,
LIFE CYCLE AND
ACCELERATED AGING
IMMERSION,
LIFE CYCLE AND
ACCELERATED AGING
COLD
BEND
44A0212-26-*
44A0212-24-*
44A0212-22-*
44A0212-20-*
44A0212-18-*
44A0212-16-*
44A0212-14-*
44A0212-12-*
44A0212-10-*
44A0212- 8-*
44A0212- 6-*
44A0212- 4-*
.500
.500
.750
.750
1.00
1.00
1.50
2.00
3.00
3.00
4.00
5.00
.750
1.00
1.00
1.00
1.50
1.50
2.00
2.00
3.00
4.00
5.00
6.00
.250
.250
.250
.250
.375
.375
.500
.500
.750
.750
1.00
1.25
.375
.375
.375
.500
.500
1.00
1.00
1.50
2.00
3.00
3.00
3.00
1.00
2.00
2.00
3.00
3.00
4.00
4.00
4.00
4.00
5.00
8.00
8.00
WEIGHT
(lb) (± 3%)
44A0212
12-7-05
SPECIFICATION CONTROL DRAWING
PRIMARY INSULATION - RADIATION-CROSSLINKED,
EXTRUDED POLYALKENE
Page 1 of 2
THIS SPECIFICATION SHEET TAKES PRECEDENCE OVER DOCUMENTS REFERENCED HEREIN.
REFERENCED DOCUMENTS SHALL BE OF THE ISSUE IN EFFECT ON DATE OF INVITATION FOR BID.
DIMENSIONS ARE IN INCHES, AND UNLESS OTHERWISE DESIGNATED ARE NOMINAL.
1/ COLORS AND COLOR CODE DESIGNATORS SHALL BE IN ACCORDANCE WITH MIL-STD-681. OTHER CODES
AND SUFFIXES MAY BE ADDED TO THE PART NUMBER, AS NECESSARY, TO CAPTURE ANY ADDITIONAL
REQUIREMENTS IMPOSED BY THE PURCHASE ORDER.
Users should evaluate the suitability of this product for their application. Specifications are subject to change without notice.
Tyco Electronics also reserves the right to make changes in materials or processing, which do not affect compliance with any specification, without notification to Buyer.
R Wire & Cable
501 Oakside Avenue
Redwood City, CA 94063-3800
Phone: 1-800-227-8816
Fax: 1-650-361-6297
© 2005 Tyco Electronics Corporation. All rights reserved.


Similar Part No. - 44A0212

ManufacturerPart No.DatasheetDescription
Tyco Electronics
Tyco Electronics
44A0112 MACOM-44A0112 Datasheet
31Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 44 and MIL-W-81044 as applicable
44A0114 MACOM-44A0114 Datasheet
182Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 44.
More results

Similar Description - 44A0212

ManufacturerPart No.DatasheetDescription
Tyco Electronics
Tyco Electronics
44A0112 MACOM-44A0112 Datasheet
31Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 44 and MIL-W-81044 as applicable
44A0114 MACOM-44A0114 Datasheet
182Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 44.
44A9748 MACOM-44A9748 Datasheet
140Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 44.
55PC1246 MACOM-55PC1246 Datasheet
33Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
TE Connectivity Ltd
TE Connectivity Ltd
55A0116 TEC-55A0116 Datasheet
34Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 55A.
55A7584 TEC-55A7584 Datasheet
30Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specification 55A.
Tyco Electronics
Tyco Electronics
55A0113 MACOM-55A0113 Datasheet
34Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 55A.
TE Connectivity Ltd
TE Connectivity Ltd
82A1132 TEC-82A1132 Datasheet
31Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specification 80.
82A0111 TEC-82A0111 Datasheet
155Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 80.
Tyco Electronics
Tyco Electronics
82A6013 MACOM-82A6013 Datasheet
153Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 80.
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz