Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP120Q-2415SRW Datasheet(PDF) 1 Page - Recom International Power

Part # RP120Q-2415SRW
Description  4:1 Wide Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP120Q-2415SRW Datasheet(HTML) 1 Page - Recom International Power

  RP120Q-2415SRW Datasheet HTML 1Page - Recom International Power RP120Q-2415SRW Datasheet HTML 2Page - Recom International Power RP120Q-2415SRW Datasheet HTML 3Page - Recom International Power RP120Q-2415SRW Datasheet HTML 4Page - Recom International Power RP120Q-2415SRW Datasheet HTML 5Page - Recom International Power RP120Q-2415SRW Datasheet HTML 6Page - Recom International Power RP120Q-2415SRW Datasheet HTML 7Page - Recom International Power RP120Q-2415SRW Datasheet HTML 8Page - Recom International Power RP120Q-2415SRW Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DC/DC Converter
PB-1
REV.: 2/2016
www.recom-power.com
120 Watt
Quarter
Brick
Single Output
3 YEAR
warranty
3
Description
Features
Regulated
Converters
• 4:1 Wide Input Range
• 3kVAC Reinforced Insulation for 110Vin
2.25kVDC Basic Insulation for 24Vin & 48Vin
• Efficiency up to 90%
• No Minimum Load Required
• EN50155 Certified
• IEC/EN60950-1 Certified
RP120Q-RW
EN50155 Certified
IEC/EN60950-1 Certified
Selection Guide
Part Number
Input
Output Output
Input
Output
Efficiency(1) Max. Capacitive
Voltage Range Voltage Current Current
Power
typ.
Load
[VDC]
[VDC]
[mA]
[mA]
[W]
[%]
[µF]
RP120Q-2405SRW
9-36
5
24000
5618
120
89
48000
RP120Q-2412SRW
9-36
12
10000
5682
120
88
8300
RP120Q-2415SRW
9-36
15
8000
5618
120
89
5300
RP120Q-2424SRW
9-36
24
5000
5682
120
88
2100
RP120Q-2448SRW
9-36
48
2500
5682
120
88
520
RP120Q-4805SRW
16.5-75
5
24000
2809
120
89
48000
RP120Q-4812SRW
16.5-75
12
10000
2809
120
89
8300
RP120Q-4815SRW
16.5-75
15
8000
2777
120
90
5300
RP120Q-4824SRW
16.5-75
24
5000
2777
120
90
2100
RP120Q-4848SRW
16.5-75
48
2500
2777
120
90
520
RP120Q-11005SRW 40-160
5
24000
1225
120
89
48000
RP120Q-11012SRW 40-160
12
11000
1363
132
88
9170
RP120Q-11015SRW 40-160
15
8600
1317
130
89
5730
RP120Q-11024SRW 40-160
24
5500
1348
132
89
2290
RP120Q-11048SRW 40-160
48
2700
1323
130
89
560
Ordering Examples
RP120Q-2405SRW/N = 24V Input, 5V Output, Single, Neg. CTRL function
RP120Q-11012SRW/P = 110V Input, 12V Output, Single, Pos. CTRL function
RP120Q-2405SRW/N-HC = 24V Input, 5V Output, Single, Neg. CTRL function, with premounted Heat-sink
Model Numbering
Input Voltage
Output Voltage
Single
RP120Q-__ __SRW/_ _
Notes:
Note2: standard part is with suffix “P” for positive logic (1=ON, 0=OFF)
or add suffix “N” instead for negative logic (0=ON, 1=OFF)
Note3: add suffix “-HC” for premounted Heat-sink
(compatible with all other suffixes)
The quarter-brick RP120Q series DC/DC converters are designed for railway rolling stock and high voltage battery
applications. Each series has three 4:1 input voltage range options to cover all input voltages from 9VDC up to
160VDC with isolated and regulated 5V to 48VDC outputs. The converters have high efficiencies and metal base-
plates to permit a wide operating temperature range from -40°C to +85°C (when mounted on a suitable heatsink).
The case is fitted with threaded inserts to allow secure mounting to the PCB or bulkhead for use in high shock and
vibration environments. The converters are EN50155 and IEC/EN60950 certified. The RP120Q-RW series have a
three year warranty.
CTRL Logic(2)
Package(3)
Notes:
Note1:
Efficiency is tested by nominal Vin, full load and at 25°C.


Similar Part No. - RP120Q-2415SRW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RP12010L103BW VISHAY-RP12010L103BW Datasheet
109Kb / 4P
   Analog Linear Displacement Sensor
Revision: 25-Jan-18
RP12010L222BW VISHAY-RP12010L222BW Datasheet
109Kb / 4P
   Analog Linear Displacement Sensor
Revision: 25-Jan-18
RP12010L223BW VISHAY-RP12010L223BW Datasheet
109Kb / 4P
   Analog Linear Displacement Sensor
Revision: 25-Jan-18
RP12010L472BW VISHAY-RP12010L472BW Datasheet
109Kb / 4P
   Analog Linear Displacement Sensor
Revision: 25-Jan-18
RP12025L103BW VISHAY-RP12025L103BW Datasheet
109Kb / 4P
   Analog Linear Displacement Sensor
Revision: 25-Jan-18
More results

Similar Description - RP120Q-2415SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
   4:1 Wide Input Range
RP75H-RW RECOM-RP75H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP90Q-RW RECOM-RP90Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP100H-RW RECOM-RP100H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP240H-RW RECOM-RP240H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com