Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP75H-4805SRW Datasheet(PDF) 5 Page - Recom International Power

Part # RP75H-4805SRW
Description  4:1 Wide Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP75H-4805SRW Datasheet(HTML) 5 Page - Recom International Power

  RP75H-4805SRW Datasheet HTML 1Page - Recom International Power RP75H-4805SRW Datasheet HTML 2Page - Recom International Power RP75H-4805SRW Datasheet HTML 3Page - Recom International Power RP75H-4805SRW Datasheet HTML 4Page - Recom International Power RP75H-4805SRW Datasheet HTML 5Page - Recom International Power RP75H-4805SRW Datasheet HTML 6Page - Recom International Power RP75H-4805SRW Datasheet HTML 7Page - Recom International Power RP75H-4805SRW Datasheet HTML 8Page - Recom International Power RP75H-4805SRW Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DC/DC Converter
PB-5
REV.: 1/2016
www.recom-power.com
Specifications measured @ta = 25°C, resistive load, nominal Vin and rated Iout unless otherwise noted
RP75H-RW
Series
OUTPUT TRIM
43Vin
110Vin
160Vin
Output Current [%]
40
30
20
10
0
2
1
4
6
5
3
8
7
10
9
11
12
50
60
70
80
90
100
RP75H-11005SRW
Power Dissipation vs. Output Current
Power up Start-up Characteristic
ON/OFF Control Start-up Rise Characteristic
Typical Output Ripple and Noise/full load
TRIM DOWN
TRIM UP
R1
TRIM
-Sense
TRIM
R2
+Sense
Output Voltage Trimming
RP75H-RW converters offer the feature of trimming the output voltage over a certain range around the nominal value by using external trim
resistors. The values for trim resistors shown in trim tables below are according to standard E96 values; therefore, the specified voltage may
slightly vary; they also can be calculated with below shown equation.


Similar Part No. - RP75H-4805SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP75-48051.8DI RECOM-RP75-48051.8DI Datasheet
108Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-48051.8DI RECOM-RP75-48051.8DI Datasheet
97Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-48051.8DIN RECOM-RP75-48051.8DIN Datasheet
97Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-48051.8DIP RECOM-RP75-48051.8DIP Datasheet
97Kb / 5P
   75 Watt Isolated Single & Dual Output
RP75-4805S RECOM-RP75-4805S Datasheet
108Kb / 5P
   75 Watt Isolated Single & Dual Output
More results

Similar Description - RP75H-4805SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
   4:1 Wide Input Range
RP120Q-RW RECOM-RP120Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP90Q-RW RECOM-RP90Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP100H-RW RECOM-RP100H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP240H-RW RECOM-RP240H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP30-2405SFW RECOM-RP30-2405SFW Datasheet
128Kb / 5P
   4 1 Wide Input Voltage Range
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
Total Power Internation...
MKW2600 TOTAL-POWER-MKW2600_17 Datasheet
740Kb / 4P
   Ultra-wide 4:1 Input Range
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com