Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FJA13009 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FJA13009
Description  High Voltage Switch Mode Applications
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FJA13009 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, May 2003
NPN Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse test: PW
≤300µs, Duty cycle≤2% Pulse
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
700
V
V CEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
9
V
IC
Collector Current (DC)
12
A
ICP
Collector Current (Pulse)
24
A
IB
Base Current
6
A
PC
Collector Dissipation (TC=25°C)
130
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
IC = 10mA, IB = 0
400
V
IEBO
Emitter Cut-off Current
VEB = 7V, IC = 0
1
mA
hFE
DC Current Gain
VCE = 5V, IC = 5A
VCE = 5V, IC = 8A
8
6
40
30
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 5A, IB = 1A
IC = 8A, IB = 1.6A
IC = 12A, IB = 3A
1
1.5
3
V
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 5A, IB = 1A
IC = 8A, IB = 1.6A
1.2
1.6
V
V
Cob
Output Capacitance
VCB = 10V , f = 0.1MHz
180
pF
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 0.5A
4
MHz
tON
Turn On Time
VCC =125V, IC = 8A
IB1 = - IB2 = 1.6A
RL = 15,6Ω
1.1
µs
tSTG
Storage Time
3
µs
tF
Fall Time
0.7
µs
FJA13009
High Voltage Switch Mode Applications
• High Speed Switching
• Suitable for Switching Regulator and Motor Control
TO-3P
1
1.Base 2.Collector 3.Emitter


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FJA13009High Voltage Switch Mode Applications 1 2 3 4 5 Fairchild Semiconductor
KSE13003High Voltage Switch Mode Applications 1 2 3 4 Fairchild Semiconductor
KSE13003THigh Voltage Switch Mode Applications 1 2 3 4 Fairchild Semiconductor
KSE13009LHigh Voltage Switch Mode Applications 1 2 3 4 Fairchild Semiconductor
FJE3303High Voltage Switch Mode Applications 1 2 3 4 5 MoreFairchild Semiconductor
FJPF3305High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
LM5000High Voltage Switch Mode Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
FJP13007High Voltage Switch Mode Application 1 2 3 4 5 MoreFairchild Semiconductor
KSE13007FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJP3305High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn