Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TT532600NEXNEXXSL-PF Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # TT532600NEXNEXXSL-PF
Description  TCXO/VC-TCXO, 5.0 x 3.2mm, HCMOS/TTL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TT532600NEXNEXXSL-PF Datasheet(HTML) 3 Page - Advanced Crystal Technology

  TT532600NEXNEXXSL-PF Datasheet HTML 1Page - Advanced Crystal Technology TT532600NEXNEXXSL-PF Datasheet HTML 2Page - Advanced Crystal Technology TT532600NEXNEXXSL-PF Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
(V)TCT53‐4 Series
TCXO/VC‐TCXO, 5.0 x 3.2mm, HCMOS/TTL
Drawing control: (Internal use only)
Commodity code: 854370 90 99
 Issue number : 1
Date : 25042016
Internal reference : M6
Solder reflow profile
Test circuit
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 
CL
Pin 1
Pin 2
Pin 3
Pin 4
Output
GND
GND for TCXO
Vc for VCTCXO
Vcc
V
A
Supply
Vcc
0.01µF
Tr
Tf
T
t
90%
50%
10%
Vol
Voh
Duty cycle = (t/T) x 100%
GND
Test waveform
Temp.( °C)
Time (sec.)
180 ± 10°C
90~120 sec. max
0.45 in
260 ± 5°C
10 sec. max
300
250
200
150
100
50
0
220 ± 10°C
30~40 sec. max


Similar Part No. - TT532600NEXNEXXSL-PF

ManufacturerPart #DatasheetDescription
logo
LEM
TT50-SD LEM-TT50-SD Datasheet
1Mb / 4P
   AC Current transformer
logo
eupec GmbH
TT500N EUPEC-TT500N Datasheet
416Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TT500N INFINEON-TT500N Datasheet
414Kb / 11P
   Pressure contact technology for high reliability
2016-11-25 Revision: 3.4
logo
DONGGUAN YOU FENG WEI E...
TT501F YFWDIODE-TT501F Datasheet
357Kb / 3P
   5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
TT502F YFWDIODE-TT502F Datasheet
357Kb / 3P
   5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results

Similar Description - TT532600NEXNEXXSL-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TCT75-4 ACT-TCT75-4_17 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
01/02/2017
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
   TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
TCT75-4 ACT-TCT75-4 Datasheet
766Kb / 3P
   TCXO/VC-TCXO 7.0 x 5.0mm, HCMOS/TTL
25042016
VTCT75-4 ACT-VTCT75-4 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
logo
List of Unclassifed Man...
TA62320CV ETC2-TA62320CV Datasheet
70Kb / 1P
   HCMOS/TTL (VC) TCXO Oscillator
logo
Caliber Electronics Inc...
TA61 CALIBER-TA61 Datasheet
76Kb / 1P
   HCMOS/TTL (VC) TCXO Oscillator
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
   HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
   HCMOS TCXO/VC-TCXO
logo
Advanced Crystal Techno...
TFCT75 ACT-TFCT75 Datasheet
768Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, HCMOS, Programmable
25042016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com