Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB-E Datasheet(PDF) 2 Page - Recom International Power

Part # RB-E
Description  High Efficiency up to 84% Full Load
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RB-E Datasheet(HTML) 2 Page - Recom International Power

  RB-E Datasheet HTML 1Page - Recom International Power RB-E Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Deviation / Load
-10
40%
0%
100%
60%
80%
20%
-5
Total Output current (%)
0
5
10
15
20
25
3.305
0505
2405
1205
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.305
0505
1205
2405
+10%
+5%
V Nom.
+5%
– 2%
10%
50%
100%
Output Load Current (%)
– 5%
Typical Load Line
RB/E Series
ECONOLINE
DC/DC-Converter
RB-xx05S/E
Typical Characteristics
Tolerance Envelope
Package Style and Pinning
Pin Connections
Function
Pin #
5 Pins
1
+Vin
2
-Vin
4NC
5
-Vout
6
+Vout
NC = No Internal Connection
Unit:
mm
Tolerance:
± 0.25 mm
10.20
0.51 typ.
4.10
RECOM
RB-0505S/E
****
2.54
1.00ø+0.15/–0
2.54
19.60
Top View
12.70
RECOM
RB-0505S/E
****
12
4 5 6
2.54
6.00
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
www.recom-power.com
E-50


Similar Part No. - RB-E

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-0505 RECOM-RB-0505 Datasheet
90Kb / 2P
   ECONOLINE - DC/DC CONVERTER
RB-0505D RECOM-RB-0505D Datasheet
90Kb / 2P
   ECONOLINE - DC/DC CONVERTER
RB-0505D RECOM-RB-0505D Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
RB-0505DHP RECOM-RB-0505DHP Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
RB-0505DP RECOM-RB-0505DP Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
More results

Similar Description - RB-E

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RO-E RECOM-RO-E Datasheet
90Kb / 2P
   High Efficiency up to 84%
logo
SynQor Worldwide Headqu...
SQ60120QEX25 SYNQOR-SQ60120QEX25 Datasheet
2Mb / 14P
   High efficiency, 96% at full rated load current
SQ60120QPB33 SYNQOR-SQ60120QPB33 Datasheet
1Mb / 14P
   High efficiency, 94.3% at full rated load current
PQ60050HZX60 SYNQOR-PQ60050HZX60 Datasheet
3Mb / 16P
   High efficiency, 93% at full rated load current
PQ60280HZX22 SYNQOR-PQ60280HZX22 Datasheet
3Mb / 16P
   High efficiency, 94% at full rated load current
logo
Arch Electronics Corp.
AQF120U_SERIES ARCH-AQF120U_SERIES Datasheet
355Kb / 5P
   High Efficiency up to 93%
logo
Anpec Electronics Corop...
APW7212 ANPEC-APW7212 Datasheet
353Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter with Load Disconnection
logo
Maxim Integrated Produc...
MAX15005AEVKIT MAXIM-MAX15005AEVKIT Datasheet
443Kb / 8P
   71% Efficiency at 16V Input and Full Load
Rev 1; 7/20
logo
Sanken electric
NR111E SANKEN-NR111E Datasheet
482Kb / 13P
   Light Load High Efficiency
NR119E SANKEN-NR119E Datasheet
482Kb / 13P
   Light Load High Efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com