Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8048 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN8048
Description  2 DC-DC Converter & 4-CH PWM Motor IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8048 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN8048 Datasheet HTML 1Page - Fairchild Semiconductor FAN8048 Datasheet HTML 2Page - Fairchild Semiconductor FAN8048 Datasheet HTML 3Page - Fairchild Semiconductor FAN8048 Datasheet HTML 4Page - Fairchild Semiconductor FAN8048 Datasheet HTML 5Page - Fairchild Semiconductor FAN8048 Datasheet HTML 6Page - Fairchild Semiconductor FAN8048 Datasheet HTML 7Page - Fairchild Semiconductor FAN8048 Datasheet HTML 8Page - Fairchild Semiconductor FAN8048 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
H-Bridge PWM Driver
• 4 Channels direct PWM H-bridge drivers
• Digital input and direct PWM output
• Internal power switches
- ON state resistance : 2.0
Ω (typ.), which value added
the upper and the lower switches
Synchronous DC-DC Converter
• Built-in step up converter (VG converter)
• Built-in two synchronous step up-down converter
• Built-in short circuit protection
• Internal Switches
- Power Switch : 0.4
Ω (typ.) at 500mA
-. Synchronous-Rectifier Switch : 0.4
Ω (typ.) at 500mA
Others
• Built-in power-on reset circuit
• Built-in battery charge circuit
• Built-in voltage regulator control circuit
• Built-in thermal shutdown (TSD) circuit
• Buit-in channel mute circuit
Descripation
The FAN8048 is a monolithic integrated circuit suitable for a
4 channels direct PWM H-bridge driver which incorporates
two switch-mode step up-down converter with synchronous
rectification provides local microprocessor and servo IC
power in portable CD players and portable devices.
48-LQFP-0707
Typical application
• Portable CD-MP3 player
Ordering Information
Device
Package
Operating Temp.
FAN8048
48-LQFP-0707
-30
°C ~ +85°C
FAN8048
2 DC-DC Converter & 4-CH PWM Motor IC


Similar Part No. - FAN8048

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8040 FAIRCHILD-FAN8040 Datasheet
514Kb / 17P
   4-Channel Motor Driver
FAN8040G3 FAIRCHILD-FAN8040G3 Datasheet
514Kb / 17P
   4-Channel Motor Driver
FAN8040G3X FAIRCHILD-FAN8040G3X Datasheet
514Kb / 17P
   4-Channel Motor Driver
FAN8042 FAIRCHILD-FAN8042 Datasheet
223Kb / 18P
   5-CH Motor Driver
FAN8045G3 FAIRCHILD-FAN8045G3 Datasheet
237Kb / 16P
   4-CH Motor Driver (5 Input & 4 Output)
More results

Similar Description - FAN8048

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB39A104 FUJITSU-MB39A104 Datasheet
380Kb / 36P
   2-ch DC/DC Converter IC
logo
Tyco Electronics
MB39A102 MACOM-MB39A102_05 Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
logo
Fujitsu Component Limit...
MB39A102 FUJITSU-MB39A102_05 Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
logo
Cypress Semiconductor
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
   2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
logo
New Japan Radio
NJM2374A NJRC-NJM2374A Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
logo
Renesas Technology Corp
PD168807 RENESAS-PD168807_15 Datasheet
541Kb / 32P
   4-ch Output DC-DC Converter Controller IC
UPD168807 RENESAS-UPD168807 Datasheet
540Kb / 32P
   4-ch Output DC-DC Converter Controller IC
Mar 18, 2011
logo
New Japan Radio
NJM2392 NJRC-NJM2392 Datasheet
150Kb / 9P
   PWM DC/DC Converter IC
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
   2 ch DC/DC Converter IC with Synchronous Rectification
logo
Fujitsu Component Limit...
MB3821 FUJITSU-MB3821 Datasheet
273Kb / 24P
   2-ch DC/DC Converter IC With Synchronous Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com