Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59Z026-000_Z Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 59Z026-000_Z
Description  FAKRA -HF PLASTIC HOUSING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

59Z026-000_Z Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  59Z026-000_Z Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 59Z026-000_Z Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
FAKRA -HF
PLASTIC HOUSING
59Z026-000-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 2
Environmental data
Temperature range
-40°C to +105°C
Thermal shock
DIN 72594-2 clause 8.2
Temperature and humidity
DIN 72594-2 clause 8.3
Vibration and mechanical shock
DIN 72594-2 clause 8.1
Dry heat
DIN 72594-2 clause 8.4
2002/95/EC (RoHS)
compliant
Application
Applicable e.g. for following connectors:
59K28A-1xx *; 59K23B-1xxA4 *
* -xx for all available cable variations
Packing
Standard
250 pcs in box
Weight
1.60 g/pce
Coding
Part Number has to be accomplished by codification
Coding
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
D. Oberhöller
03/08/05
T. Bredbeck
03/09/12
e00
12-0745
F. Hohenadl
03/09/12
Coding
Color
RAL
Part-Number
A
black
sim. 9005
59Z026-000_A
B
white
sim. 9001
59Z026-000_B
C
blue
sim. 5005
59Z026-000_C
D
bordeauxviolet
sim. 4004
59Z026-000_D
E
green
sim. 6002
59Z026-000_E
F
brown
sim. 8011
59Z026-000_F
G
grey
sim. 7031
59Z026-000_G
H
violet
sim. 4003
59Z026-000_H
I
beige
sim. 1001
59Z026-000_I
K
curry
sim. 1027
59Z026-000_K
Z
waterblue
sim. 5021
59Z026-000_Z
traffic purple
sim. 4006
secondary lock
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 59Z026-000_Z

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59Z027-001-Y ROSENBERGER-59Z027-001-Y Datasheet
692Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z027-001_A ROSENBERGER-59Z027-001_A Datasheet
692Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z027-001_B ROSENBERGER-59Z027-001_B Datasheet
692Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z027-001_C ROSENBERGER-59Z027-001_C Datasheet
692Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z027-001_D ROSENBERGER-59Z027-001_D Datasheet
692Kb / 3P
   FAKRA - HF PLASTIC HOUSING
More results

Similar Description - 59Z026-000_Z

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59Z119-C01-Y ROSENBERGER-59Z119-C01-Y Datasheet
478Kb / 3P
   FAKRA-HF PLASTIC HOUSING
59Z017-000-Y ROSENBERGER-59Z017-000-Y Datasheet
838Kb / 3P
   FAKRA-HF PLASTIC HOUSING
59Z113-000-Y ROSENBERGER-59Z113-000-Y Datasheet
493Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z115-000-Y ROSENBERGER-59Z115-000-Y Datasheet
598Kb / 2P
   FAKRA- HF PLASTIC HOUSING
59Z120-C00-Y ROSENBERGER-59Z120-C00-Y Datasheet
245Kb / 3P
   FAKRA-HF PLASTIC HOUSING
59Z006-T00-Y ROSENBERGER-59Z006-T00-Y Datasheet
114Kb / 2P
   FAKRA - HF PLASTIC HOUSING
59Z116-000-Y ROSENBERGER-59Z116-000-Y Datasheet
697Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z066-R00-Y ROSENBERGER-59Z066-R00-Y Datasheet
98Kb / 2P
   FAKRA - HF PLASTIC HOUSING
59Z027-001-Y ROSENBERGER-59Z027-001-Y Datasheet
692Kb / 3P
   FAKRA - HF PLASTIC HOUSING
59Z064-000-Y ROSENBERGER-59Z064-000-Y Datasheet
69Kb / 2P
   FAKRA - HF PLASTIC HOUSING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com