Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG419BDY Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG419BDY
Description  Precision CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG419BDY Datasheet(HTML) 4 Page - Vishay Siliconix

  DG419BDY Datasheet HTML 1Page - Vishay Siliconix DG419BDY Datasheet HTML 2Page - Vishay Siliconix DG419BDY Datasheet HTML 3Page - Vishay Siliconix DG419BDY Datasheet HTML 4Page - Vishay Siliconix DG419BDY Datasheet HTML 5Page - Vishay Siliconix DG419BDY Datasheet HTML 6Page - Vishay Siliconix DG419BDY Datasheet HTML 7Page - Vishay Siliconix DG419BDY Datasheet HTML 8Page - Vishay Siliconix DG419BDY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DG417B/418B/419B
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72107
S-31538—Rev. B, 11-Aug-03
SPECIFICATIONSa FOR UNIPOLAR SUPPLIES
Test Conditions
Unless Otherwise Specified
A Suffix
- 55 to 125
_C
D Suffix
- 40 to 85
_C
Parameter
Symbol
V+ = 12 V, V - = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
12
0
12
V
Drain-Source
On-Resistance
rDS(on)
IS = -10 mA, VD = 3.8 V
V+ = 10.8 V
Room
Full
26
35
52
35
45
W
Dynamic Characteristics
Turn-On Time
tON
RL = 300 W, CL = 35 pF, VS = 8 V
Room
Full
100
125
155
125
143
Turn-Off Time
tOFF
RL = 300 W, CL = 35 pF, VS = 8 V
See Switching Time Test Circuit
Room
Full
38
66
73
66
69
ns
Break-Before-Make
Time Delay
tD
RL = 300 W, CL = 35 pF
DG419B
Room
62
25
25
ns
Transition Time
tRANS
RL = 300 W, CL = 35 pF
VS1 = 0 V, 8 V, VS2 = 8 V, 0 V
Room
Full
95
119
153
119
141
Charge Injection
Q
CL = 10 nF, Vgen = 0 V, Rgen = 0 W
Room
3
pC
Power Supplies
Positive Supply
Current
I+
Room
Full
0.001
1
5
1
5
Negative Supply
Current
I-
V+ = 13.2 V, VL = 5.25 V
Room
- 0.001
-1
-5
-1
-5
mA
Logic Supply Current
IL
V+ = 13.2 V, VL = 5.25 V
VIN = 0 or 5 V
Room
0.001
1
5
1
5
mA
Ground Current
IGND
Room
- 0.001
-1
-5
-1
-5
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.


Similar Part No. - DG419BDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG419BDY VISHAY-DG419BDY Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG419BDY VISHAY-DG419BDY Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG419BDY VISHAY-DG419BDY Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG419BDY-E3 VISHAY-DG419BDY-E3 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG419BDY-E3 VISHAY-DG419BDY-E3 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results

Similar Description - DG419BDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417 VISHAY-DG417_08 Datasheet
147Kb / 11P
   Precision CMOS Analog Switches
Rev. F, 25-Jun-07
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com