Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEPTA-RTN Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # HEPTA-RTN
Description  Machine to machine
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

HEPTA-RTN Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  HEPTA-RTN Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Americas: +1.800-323-3757
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +886.2.2286.2828
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
ANT-DS-HEPTABAND_100114
Any information furnished by Laird and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of Laird
materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or suitability of any Laird materials
or products for any specific or general uses. Laird, Laird Technologies, Inc or any of its affiliates or agents shall not be liable for incidental or consequential damages of any kind. All Laird products
are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2014 Laird Technologies, Inc. All
Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or
service names may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
HeptabandTM External
Wireless Antennas
FEATURES
• Operates simultaneously in more than
seven frequency bands supporting -
Cellular, Quadband GSM+UMTS/3G,
GPS, AWS, WIFI, WLAN, and WISP
• Available in knuckle swivel snap or
SMA/TNC/RPTNC connector options.
• Blade style external antenna measures
only 6.33”
MARKETS
• Wireless terminal
• Point-of-Sale
• Machine to machine
• Automatic meter reading
• Home security
HEPTABANDTM EXTERNAL WIRELESS ANTENNA OFFERS
ULTIMATE BANDWIDTH WITH OVER SEVEN FREQUENCY RANGES
Laird Heptaband portable wireless antennas provide excellent radio transmission characteristics while
offering the ultra flexibility of more than seven bands in one profile. With operating frequencies of
815 - 885 MHz, 824 - 894 MHz, 880 - 960 MHz, 1427 - 1511 MHz, 1575 MHz, 1710 - 1880MHz, 1850
- 1990 MHz, 1920 - 2170 MHz, and 2400 - 2500 MHz, the antenna is the ideal choice when multiple
bandwidths are required in various regional and global applications. Additionally, the blade style
antenna features both knuckle and swivel snap-in or SMA/TNC/RPTNC connector options.
ELECTRICAL
Frequency Range:
815 - 885 MHz, 824 - 894 MHz, 880-960 MHz,
1427 - 1511 MHz, 1575 MHz, 1710-1880 MHz,
1850-1990 MHz, 1920-2170 MHz, 2400-2500 MHz
Gain
1 - 3 dBi
VSWR
<2.5:1
Polarization
Linear
Azimuth
(3dB beamwidth)
Omnidirectional
Impedance
50 Ω
Temperature Range
-30° C to +50° C
Power
10 W
Mounting Style
Snap-in/Captive, SMA, RPSMA, TNC, RPTNC
Dimensions
6.3" x .36" (161mm x 9.3mm) with knuckle angle
MODEL NUMBER
PART NO.
MOUNTING STYLE
COLOR
HEPTA-SM
MAF94300
SMA
Black
HEPTA-RSM
MAF94301
RP-SMA
Black
HEPTA-TN-G
MAF94302
TNC
Gray
HEPTA-RTN
MAF94303
RP-TNC
Black
HEPTA-IP04
MAF94304
SNAPIN/CAPTIVE, 100mm of RG178 coax with I-PEX connector
Black
HEPTA-MMCX04
MAF94305
SNAPIN/CAPTIVE, 100mm of RG178 coax MMCX connector
Black
HEPTA-FL04
MAF94306
SNAPIN/CAPTIVE, 100mm of RG178 coax flying lead
Black
HEPTA-TN
MAF94307
TNC
Black
HEPTA90-TN
MAF94309
TNC, Blade Angle - 90 degree
Black
TYPICAL AZIMUTH PATTERN
TYPICAL ELEVATION PATTERN


Similar Part No. - HEPTA-RTN

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
HEP-1-D-MAXI FESTO-HEP-1-D-MAXI Datasheet
101Kb / 1P
   Shut off valve
HEP-1/2-D-MAXI FESTO-HEP-1/2-D-MAXI Datasheet
101Kb / 1P
   Shut off valve
HEP-1/2-D-MIDI FESTO-HEP-1/2-D-MIDI Datasheet
100Kb / 1P
   Shut off valve
HEP-1/4-D-MIDI FESTO-HEP-1/4-D-MIDI Datasheet
101Kb / 1P
   Shut off valve
HEP-1/4-D-MINI FESTO-HEP-1/4-D-MINI Datasheet
101Kb / 1P
   Shut off valve
More results

Similar Description - HEPTA-RTN

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE00Y5 BALLUFF-BAE00Y5 Datasheet
117Kb / 2P
   Machine Lights
0.44_2021-04-08
BAE00ZM BALLUFF-BAE00ZM Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BAE00ZP BALLUFF-BAE00ZP Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BVS001H BALLUFF-BVS001H Datasheet
179Kb / 3P
   Machine Vision
0.52_2021-04-13
BVS001J BALLUFF-BVS001J Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS001P BALLUFF-BVS001P Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS0014 BALLUFF-BVS0014 Datasheet
144Kb / 3P
   Machine Vision
0.47_2021-04-13
logo
Omron Electronics LLC
NX1P OMRON-NX1P Datasheet
1Mb / 19P
   machine controller
logo
Balluff Korea Ltd.
BAE00W9 BALLUFF-BAE00W9 Datasheet
117Kb / 2P
   Machine Lights
0.35_2021-04-08
BAE00W8 BALLUFF-BAE00W8 Datasheet
117Kb / 2P
   Machine Lights
0.37_2021-04-08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com