Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAF94126 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # CAF94126
Description  Surprisingly small size allows it to be hidden almost anywhere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CAF94126 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  CAF94126 Datasheet HTML 1Page - Laird Tech Smart Technology CAF94126 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative Technology
for a Connected World
global solutions: local support
TM
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +1.32.80.7866.12
IAS-EUSales@lairdtech.com
Asia: +1.65.6.243.8022
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
IF9018
900 & 1800 MHz MicroSphere Antenna
900 & 1800 MHz OMnI-DIrectIOnal In-BuIlDIng antenna
The widespread use of cellular phones and wireless network applications inside buildings has increased the
need for antenna systems that can provide considerable gain over traditional dipole antennas.
Laird Technologies’ in-building wireless antennas are particularly applicable in environments where aesthetics
and wide angle coverage are necessary for successful wireless deployment. Their surprisingly small size allow
the antennas to be hidden almost anywhere, providing an invisible solution for most applications.
Features
• Surprisingly small size allows it to be hidden almost anywhere,
providing an invisible solution for many applications.
• The field pattern is toroidal, providing omni-directional
coverage in any plane around the long axis of the antenna,
and two lobes in any plane parallel to the long axis.
Markets
The omni-directional pattern is suited to a variety
of uses, including handheld devices, in-building
systems or other applications where mobility is
a factor.
SpecIfIcatIonS
element type
Microstrip
frequency Range
880 – 960 MHz
1710 – 1880 MHz
peak Gain
3 dBi
polarization
Linear
Impedance
50 ohms
Maximum Input power
50 watts
VSWR (Min. performance)
1.5:1
Dimensions (L x W x H)
12.9 x 15.6 x 0.25 cm
Housing
acrylic
operating/Storage temperature
-40º to +70ºc
MoDeL #
RefeRence #
connectoR
If9018-Sf00
caf94126
SMa female panel
MOuntIng OptIOns
• Includes nylon screws for mounting to ceiling tile of finished ceiling


Similar Part No. - CAF94126

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CAF94146 LSTD-CAF94146 Datasheet
1Mb / 1P
   2.4 GHz MicroSphere Antenna
More results

Similar Description - CAF94126

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-R020 BOURNS-MF-R020 Datasheet
210Kb / 6P
   Almost anywhere there is a low voltage power supply and a load to be protected, including
MF-R090-0-99 BOURNS-MF-R090-0-99 Datasheet
210Kb / 6P
   Almost anywhere there is a low voltage power supply and a load to be protected, including
logo
MAKO SEMICONDUCTOR CO.,...
2SB1119 MAKOSEMI-2SB1119 Datasheet
113Kb / 2P
   Very small size making it easy to provide
2SC4272 MAKOSEMI-2SC4272 Datasheet
112Kb / 2P
   Small size making it easy to provide high-density,small-sized
logo
List of Unclassifed Man...
600111FUL-0000 ETC2-600111FUL-0000 Datasheet
65Kb / 1P
   compact unit allows it to be used with the majority of detectors to provide convenient remote indication.
SMT2000 ETC1-SMT2000 Datasheet
198Kb / 8P
   Autocatalytic process allows high deposit thicknesses to be achieved
logo
Epson Company
S1R72U16 EPSON-S1R72U16 Datasheet
428Kb / 37P
   Allows USB devices to be controlled as IDE devices
logo
TE Connectivity Ltd
3520 TEC-3520 Datasheet
129Kb / 2P
   Small Size to Power Ratio
logo
Ohmite Mfg. Co.
250 OHMITE-250 Datasheet
360Kb / 3P
   Small size-to-power ratio.
logo
RF Monolithics, Inc
SF2190B RFM-SF2190B Datasheet
626Kb / 5P
   Small Size
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com