Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60K442-272N1 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 60K442-272N1
Description  Panel Jack
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

60K442-272N1 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  60K442-272N1 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 60K442-272N1 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
7-16
Panel Jack
60K442-272N1
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 61169-4, EN 122190, DIN 47223
Documents
Assembly instruction
60 S20
Panel piercing
B 46b
Material and plating
Connector parts
Material
Plating
Center contact
Spring bronze
Silver, 3-6 µm
Outer contact
Brass
Flash white bronze over silver(e.g. Optargen®)
Dielectric
PTFE


Similar Part No. - 60K442-272N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60K431-815N1 ROSENBERGER-60K431-815N1 Datasheet
82Kb / 2P
   7/16 PANEL JACK
60K431-817N1 ROSENBERGER-60K431-817N1 Datasheet
82Kb / 2P
   7/16 PANEL JACK
60K47U-900N1 ROSENBERGER-60K47U-900N1 Datasheet
217Kb / 2P
   PANEL JACK THREADED END
More results

Similar Description - 60K442-272N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53K407-106N5 ROSENBERGER-53K407-106N5 Datasheet
43Kb / 2P
   PANEL JACK
53K409-500N5 ROSENBERGER-53K409-500N5 Datasheet
39Kb / 2P
   PANEL JACK
64K402-272B1 ROSENBERGER-64K402-272B1 Datasheet
362Kb / 2P
   Panel Jack
53K407-108N5 ROSENBERGER-53K407-108N5 Datasheet
43Kb / 2P
   PANEL JACK
64K409-200B1 ROSENBERGER-64K409-200B1 Datasheet
498Kb / 2P
   Panel Jack
53K401-115N5 ROSENBERGER-53K401-115N5 Datasheet
43Kb / 2P
   PANEL JACK
logo
Winchester Electronics ...
KD-19-72 WINCHESTER-KD-19-72 Datasheet
47Kb / 1P
   PANEL JACK
logo
Rosenberger Hochfrequen...
64K401-273B1 ROSENBERGER-64K401-273B1 Datasheet
306Kb / 2P
   Panel Jack
53QK40A-500N5 ROSENBERGER-53QK40A-500N5 Datasheet
83Kb / 2P
   PANEL JACK
53K403-200N5 ROSENBERGER-53K403-200N5 Datasheet
42Kb / 2P
   PANEL JACK
64K401-200B1 ROSENBERGER-64K401-200B1 Datasheet
131Kb / 2P
   Panel Jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com