Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS620U Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS620U
Description  Low-Voltage, -0.5째C Accuracy Digital Thermometer and Thermostat
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS620U Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS620U Datasheet HTML 1Page - Dallas Semiconductor DS620U Datasheet HTML 2Page - Dallas Semiconductor DS620U Datasheet HTML 3Page - Dallas Semiconductor DS620U Datasheet HTML 4Page - Dallas Semiconductor DS620U Datasheet HTML 5Page - Dallas Semiconductor DS620U Datasheet HTML 6Page - Dallas Semiconductor DS620U Datasheet HTML 7Page - Dallas Semiconductor DS620U Datasheet HTML 8Page - Dallas Semiconductor DS620U Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DS620 Digital Thermometer and Thermostat
5 of 15
Figure 2. Timing Diagram
Table 1. Register Summary
Parameter
Information
TH and TL Registers
Size: 2-Bytes
Note that the 3 LSbs are always “don’t cares” for writes
(i.e., they are not saved) and always read out as 0s.
EEPROM
Factory State:
TH = 15ºC (0000 0111 1000 0000) [0780h]
TL = 10ºC (0000 0101 0000 0000) [0500h]
Configuration Register
Size: 2-Bytes
SRAM and EEPROM. See Figure 4 and Table 5 for
detailed information and power-up/factory state.
Temperature Register
Size: 2-Bytes
SRAM
Power-Up State: -60ºC
(1110 0010 0000 0000) [E200h]
TEMPERATURE MEASUREMENT
The DS620 measures temperature using a bandgap-based temperature sensor. A delta-sigma, analog-to-digital
converter (ADC) converts measured temperature to a 10-, 11-, 12-, or 13-bit (user-selectable) digital value that is
calibrated in °C; for °F applications, a lookup table or conversion routine must be used. Throughout this data sheet,
the term “conversion” is used to refer to the entire temperature measurement and ADC sequence.
The DS620 can be configured to power up either automatically converting temperature or in a low-power standby
state. The preferred power-up mode can be set using the AUTOC bit in the configuration register as explained in
the Configuration Register section of this data sheet.
The DS620 can be programmed to perform continuous consecutive conversions (continuous conversion mode) or
to perform single conversions on command (one-shot mode). The conversion mode is programmed through the
1SHOT bit in the configuration register as explained in the Configuration Register section of this data sheet. In
continuous conversion mode, conversions are performed after a Start Convert command is issued (or upon power-
up if the AUTOC bit in the configuration register is set to 1) until a Stop Convert command is issued, at which time
the device goes into a low-power standby state. Continuous conversions can be restarted at any time using the
Start Convert command. In one-shot mode, the DS620 performs a single temperature conversion either at power-
up (if AUTOC = 1) or when a Start Convert command is issued (if AUTOC = 0). When the conversion is complete,


Similar Part No. - DS620U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS620U MAXIM-DS620U Datasheet
249Kb / 15P
   Low-Voltage, 0.5C Accuracy Digital Thermometer and Thermostat
041607
DS620U/T&R MAXIM-DS620U/T&R Datasheet
249Kb / 15P
   Low-Voltage, 0.5C Accuracy Digital Thermometer and Thermostat
041607
More results

Similar Description - DS620U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS620 MAXIM-DS620 Datasheet
249Kb / 15P
   Low-Voltage, 0.5C Accuracy Digital Thermometer and Thermostat
041607
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
   Digital Thermometer and Thermostat
112006
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
   Digital Thermometer and Thermostat
090905
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com