Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55PC1122 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 55PC1122
Description  This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

55PC1122 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  55PC1122 Datasheet HTML 1Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION CONTROL DRAWING
SCD
55PC1122
Title
TWO CONDUCTOR CABLE, SHIELDED, JACKETED, GENERAL PURPOSE, 600 VOLT
Date
5-14-15
Revision
C
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
COMPONENT WIRES - 55PC0112
SHIELD - SILVER-COATED COPPER
JACKET - RADIATION-CROSSLINKED,
MODIFIED ETFE
CABLE CONSTRUCTION DETAILS
PART NUMBER
1/
CONDUCTOR
SIZE
(AWG)
SHIELD
SIZE
(AWG)
JACKET THICKNESS
(inch)
OUTSIDE DIAMETER
(inch)
WEIGHT
(lbs/1000 ft.)
LOWER
SPEC LIMIT
TARGET
WALL
LOWER
SPEC LIMIT
TARGET
VALUE
UPPER
SPEC LIMIT
TARGET
VALUE
UPPER
SPEC LIMIT
55PC1122-24-*
24
38
.0050
.0065
.097
.101
.105
8.55
8.91
55PC1122-22-*
22
38
.0050
.0065
.109
.114
.119
11.10
11.60
55PC1122-20-*
20
38
.0055
.0070
.126
.130
.134
14.95
15.44
55PC1122-18-*
18
38
.0055
.0070
.145
.149
.154
20.40
21.03
55PC1122-16-*
16
38
.0055
.0070
.159
.164
.169
24.81
25.54
55PC1122-14-*
14
38
.0060
.0075
.189
.194
.199
35.52
36.41
55PC1122-12-*
12
38
.0060
.0080
.227
.233
.238
51.71
52.88
55PC1122-10-*
10
36
.0065
.0085
.280
.291
.302
81.65
85.95
55PC1122-8-*
8
36
.0070
.0090
.394
.415
.436
147.76
152.88
55PC1122-6-*
6
34
.0070
.0090
.486
.512
.538
229.27
236.76
CABLE RATINGS AND ADDITIONAL REQUIREMENTS
TEMPERATURE RATING: 200°C
Maximum continuous conductor temperature
VOLTAGE RATING: 600 volts (rms) at sea level
CROSSLINKED VERIFICATION: 300 ± 3°C for 1 hour
DIELECTRIC WITHSTAND: 1500 volts (rms), 60 Hz
JACKET COLOR: White preferred
JACKET ELONGATION AND TENSILE STRENGTH:
Elongation, 50% (minimum)
Tensile Strength, 5000 lbf/in2 (minimum)
JACKET FLAWS:
Spark Test, 1000 volts (rms)
Impulse Dielectric Test, 6.0 kV (peak)
SHIELD COVERAGE: 85% (minimum)
VOLTAGE WITHSTAND (Post Environmental):
1000 volts (rms), 60 Hz, 1 minute
1/ PART NUMBER:
The "*" in the part numbers above shall be replaced by color code
designators with a slash separating the component wire colors and a
dash separating the component wire colors from the jacket color.
Example: AWG 22, red and blue component wires; white jacket:
55PC1122-22-2/6-9
Users should evaluate the suitability of this product for their application. Specifications are subject to change without notice.
Tyco Electronics Corporation also reserves the right to make changes in materials or processing, which do not affect compliance with any specification, without notification to Buyer.
1/ COLORS AND COLOR CODE DESIGNATORS SHALL BE IN ACCORDANCE WITH MIL-STD-681. HOWEVER, DUE TO LENGTH LIMITATIONS OF THE RAYCHEM PART NUMBER,
AN ALTERNATIVE COLOR CODE MAY REPLACE MIL-STD-681 COLOR CODE DESIGNATORS. (EXAMPLE: "901/902..." MAY BE REPLACED BY "Axxx".) OTHER CODES
AND SUFFIXES MAY BE ADDED TO THE PART NUMBER, AS NECESSARY, TO CAPTURE ANY ADDITIONAL REQUIREMENTS IMPOSED BY THE PURCHASE ORDER.
Page 1 of 1
Raychem, TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks.
Raychem Wire & Cable
501 Oakside Avenue
Redwood City, CA 94063-3800
Phone: 1-800-227-8816
Fax: 1-650-361-6297
DIMENSIONS ARE IN INCHES AND, UNLESS OTHERWISE DESIGNATED, ARE NOMINAL.
THIS SPECIFICATION SHEET TAKES PRECEDENCE OVER DOCUMENTS REFERENCED HEREIN.
REFERENCED DOCUMENTS SHALL BE OF THE ISSUE IN EFFECT ON DATE OF INVITATION FOR BID.
© 2013-2015 Tyco Electronics Corporation. All rights reserved.


Similar Part No. - 55PC1122

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55PC1131 MACOM-55PC1131 Datasheet
144Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1133 MACOM-55PC1133 Datasheet
142Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
More results

Similar Description - 55PC1122

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55PC1246 MACOM-55PC1246 Datasheet
33Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
logo
TE Connectivity Ltd
55PC1811 TEC-55PC1811 Datasheet
38Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
logo
Tyco Electronics
55PC1221 MACOM-55PC1221 Datasheet
130Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
logo
TE Connectivity Ltd
55PC6021 TEC-55PC6021 Datasheet
161Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
logo
Tyco Electronics
55PC0223 MACOM-55PC0223 Datasheet
154Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1133 MACOM-55PC1133 Datasheet
142Kb / 2P
   This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC2221 MACOM-55PC2221 Datasheet
32Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
logo
TE Connectivity Ltd
55PC0226 TEC-55PC0226 Datasheet
27Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
logo
Tyco Electronics
55PC2224 MACOM-55PC2224 Datasheet
34Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC7000 MACOM-55PC7000 Datasheet
86Kb / 1P
   This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com