Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7742 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC7742
Description  16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7742 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button DAC7742 Datasheet HTML 3Page - Burr-Brown (TI) DAC7742 Datasheet HTML 4Page - Burr-Brown (TI) DAC7742 Datasheet HTML 5Page - Burr-Brown (TI) DAC7742 Datasheet HTML 6Page - Burr-Brown (TI) DAC7742 Datasheet HTML 7Page - Burr-Brown (TI) DAC7742 Datasheet HTML 8Page - Burr-Brown (TI) DAC7742 Datasheet HTML 9Page - Burr-Brown (TI) DAC7742 Datasheet HTML 10Page - Burr-Brown (TI) DAC7742 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DAC7742
7
SBAS256
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
TA = +25°C (unless otherwise noted).
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
Digital Input Code
V
CC SUPPLY CURRENT vs DIGITAL INPUT CODE
Bipolar Configuration: V
OUT = –10V to +10V
External Reference, REFEN = 5V, T
A = 25°C
FFFF
H
DFFF
H
BFFF
H
9FFF
H
7FFF
H
5FFF
H
3FFF
H
1FFF
H
0000
H
–1.50
–1.75
–2.00
–2.25
–2.50
–2.75
Digital Input Code
V
SS SUPPLY CURRENT vs DIGITAL INPUT CODE
Bipolar Configuration: V
OUT = –10V to +10V
T
A = 25°C
FFFF
H
DFFF
H
BFFF
H
9FFF
H
7FFF
H
5FFF
H
3FFF
H
1FFF
H
0000
H
SUPPLY CURRENT vs TEMPERATURE
Load Current Excluded, V
CC = +15V, VSS = –15V
Bipolar V
OUT Configuration: –10V to +10V
I
CC
I
SS
6
5
4
3
2
1
0
–1
–2
–3
–4
–40
–15
10
35
60
85
Temperature (
°C)
1000
800
600
400
200
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
LOGIC (V)
SUPPLY CURRENT vs LOGIC INPUT VOLTAGE
T
A = 25°C, Transition
Shown for One Data
Input (CS = 5V, R/W = 0)
100
90
80
70
60
50
40
30
20
10
0
HISTOGRAM OF V
CC CURRENT CONSUMPTION
3.000
3.500
4.000
4.500
5.000
I
CC (mA)
Bipolar Output Configuration
Internal Reference Enabled
Code = AAAA
H
100
90
80
70
60
50
40
30
20
10
0
HISTOGRAM OF V
SS CURRENT CONSUMPTION
–3.50
–3.00
–2.50
–2.00
–1.50
I
SS (mA)
Bipolar Output Configuration
Internal Reference Enabled
Code = AAAA
H


Similar Part No. - DAC7742

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7742Y/250 TI1-DAC7742Y/250 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742YB/250 TI1-DAC7742YB/250 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742YC/250 TI1-DAC7742YC/250 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742YC/250G4 TI1-DAC7742YC/250G4 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results

Similar Description - DAC7742

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
DAC7741 TI1-DAC7741_15 Datasheet
970Kb / 23P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS1115-Q1 TI1-ADS1115-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter With Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com