Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DAC6574 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. DAC6574
Description  QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT, IC INTERFACE DIGITAL-TO-ANALOG CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6574 Datasheet(HTML) 5 Page - Texas Instruments

  DAC6574 Datasheet HTML 1Page - Texas Instruments DAC6574 Datasheet HTML 2Page - Texas Instruments DAC6574 Datasheet HTML 3Page - Texas Instruments DAC6574 Datasheet HTML 4Page - Texas Instruments DAC6574 Datasheet HTML 5Page - Texas Instruments DAC6574 Datasheet HTML 6Page - Texas Instruments DAC6574 Datasheet HTML 7Page - Texas Instruments DAC6574 Datasheet HTML 8Page - Texas Instruments DAC6574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
www.ti.com
DAC6574
SLAS408 – DECEMBER 2003
TIMING CHARACTERISTICS (continued)
V
DD = 2.7 V to 5.5 V, RL = 2 kΩ to GND; all specifications -40°C to +105°C, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Standard mode
300
ns
Fast mode
20 + 0.1CB
300
ns
tFDA
Fall time of SDA signal
High-speed mode, CB = 100 pF max
10
80
ns
High-speed mode, CB = 400 pF max
20
160
ns
Standard mode
4.0
µs
Setup time for STOP con-
tSU; tSTO
Fast mode
600
ns
dition
High-speed mode
160
ns
Capacitive load for SDA and
CB
400
pF
SCL
Fast mode
50
ns
Pulse width of spike sup-
tSP
pressed
High-speed mode
10
ns
Standard mode
Noise margin at the HIGH
VNH
level for each connected de-
Fast mode
0.2 VDD
V
vice (including hysteresis)
High-speed mode
Standard mode
Noise margin at the LOW
VNL
level for each connected de-
Fast mode
0.1 VDD
V
vice (including hysteresis)
High-speed mode
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn