Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1215310000 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # 1215310000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1215310000 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button 1215310000 Datasheet HTML 22Page - List of Unclassifed Manufacturers 1215310000 Datasheet HTML 23Page - List of Unclassifed Manufacturers 1215310000 Datasheet HTML 24Page - List of Unclassifed Manufacturers 1215310000 Datasheet HTML 25Page - List of Unclassifed Manufacturers 1215310000 Datasheet HTML 26Page - List of Unclassifed Manufacturers 1215310000 Datasheet HTML 27Page - List of Unclassifed Manufacturers 1215310000 Datasheet HTML 28Page - List of Unclassifed Manufacturers 1215310000 Datasheet HTML 29Page - List of Unclassifed Manufacturers 1215310000 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 164 page
background image
www.Rose-Bopla.com
24
• Four new flat versions round off this innovative and successful IP 65 enclosure line.
• Made from either high-quality polycarbonate or cost-effective ABS, this enclosure line
offers a wide range of benefits due to its easy-to-use screw-mounting system and
additional mounting bosses in the base.
• Versions with a recessed membrane keypad area (F) and/or PCB plug-in-slots
(LP/FLP) are ideal for use as electronic enclosures.
• This enclosure is especially easy to recycle because there are no molded-in metal
parts, and in each case only one type of plastic is used.
Polycarbonate Watertight EM/ABS Watertight ET
Included in delivery
Enclosure base with lid; self-tapping coarse thread lid
screws made of V2A; max. screwing force 45 Ncm.
Technical Data
Material
Ingress Protection
Color
Flammability
Temperature Range
Surface Resistance
Disruptive Strength
Polycarbonate
IP 65 DIN EN 60529
Light gray, similar to RAL 7035. Special colors on request
UL V2/1.14
Neoprene Gasket -40°F to +212°F
Silicone Gasket -76°F to +266°F
RFI Gasket
-40°F to +392°F
>1015 Ohm to DIN 53482
28 KV/mm DIN 53481
ABS
IP 65 DIN EN 60529
Light gray, similar to RAL 7035. Special colors on request
UL 94 HB/1.6
Neoprene Gasket -40°F to +212°F
Silicone Gasket -76°F to +266°F
RFI Gasket
-40°F to +392°F
>1014 Ohm DIN 53482
-


Similar Part No. - 1215310000

ManufacturerPart #DatasheetDescription
logo
SICK AG
1215310 SICK-1215310 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results

Similar Description - 1215310000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN975 STMICROELECTRONICS-AN975 Datasheet
78Kb / 11P
   As part of a process of continuous improvement
STPSC20H065C-Y STMICROELECTRONICS-STPSC20H065C-Y Datasheet
156Kb / 9P
   Dedicated to PFC applications
September 2014 Rev 2
STPSC40065C STMICROELECTRONICS-STPSC40065C Datasheet
457Kb / 9P
   Dedicated to PFC applications
September 2016 Rev 3
logo
PANDUIT CORP.
T038X000FJC-BK PANDUIT-T038X000FJC-BK Datasheet
126Kb / 1P
   CUSTOMER DRAWING PI CASSETTE CONTINUOUS TAPE LABEL
logo
STMicroelectronics
STPSC12H065-Y STMICROELECTRONICS-STPSC12H065-Y Datasheet
454Kb / 9P
   Dedicated to PFC applications
October 2016 Rev 4
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y Datasheet
450Kb / 9P
   Dedicated to PFC applications
May 2016 Rev 1
STPSC20H065C STMICROELECTRONICS-STPSC20H065C Datasheet
170Kb / 9P
   Dedicated to PFC applications
November 2013 Rev 3
logo
Infineon Technologies A...
TLE9260-3QX INFINEON-TLE9260-3QX Datasheet
6Mb / 175P
   Dedicated Data Sheets are available for the different product variants
TLE9260QXV33 INFINEON-TLE9260QXV33 Datasheet
5Mb / 141P
   Dedicated Data Sheets are available for the different product variants
TLE9261QXV33 INFINEON-TLE9261QXV33 Datasheet
6Mb / 153P
   Dedicated Data Sheets are available for the different product variants
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com