Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG2430X1-EVAL Datasheet(PDF) 2 Page - California Eastern Labs

Part # CG2430X1-EVAL
Description  0.1 to 6.0GHz SP3T Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CG2430X1-EVAL Datasheet(HTML) 2 Page - California Eastern Labs

  CG2430X1-EVAL Datasheet HTML 1Page - California Eastern Labs CG2430X1-EVAL Datasheet HTML 2Page - California Eastern Labs CG2430X1-EVAL Datasheet HTML 3Page - California Eastern Labs CG2430X1-EVAL Datasheet HTML 4Page - California Eastern Labs CG2430X1-EVAL Datasheet HTML 5Page - California Eastern Labs CG2430X1-EVAL Datasheet HTML 6Page - California Eastern Labs CG2430X1-EVAL Datasheet HTML 7Page - California Eastern Labs CG2430X1-EVAL Datasheet HTML 8Page - California Eastern Labs CG2430X1-EVAL Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CG2430X1
This document is subject to change without notice.
2
PIN CONFIGURATION AND
INTERNAL BLOCK DIAGRAM
TRUTH TABLE
VC1
VC2
VC3
RFC-RF1
RFC-RF2
RFC-RF3
High
Low
Low
ON
OFF
OFF
Low
High
Low
OFF
ON
OFF
Low
Low
High
OFF
OFF
ON
ABSOLUTE MAXIMUM RATINGS
(TA
= +25˚C, unless otherwise specified)
Parameter
Symbol
Rating
Unit
Control Voltage
VC
6.0
Note 1
V
Input Power
Pin
+32.0
Note 2
dBm
Operating Ambient Temperature
TA
-45
~+85
˚C
Storage Temperature
Tstg
-55
~+150
˚C
Note
1. |VC1 - VC2|
≦6.0V
2. 3.0V
≦|VC1 - VC2|≦5.0V
RECOMMENDED OPERATING RANGE
(TA =
+25˚C, unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Operating Frequency
f
0.1
-
6.0
GHz
Switch Control Voltage (H)
VC(H)
+1.8
+3.0
+5.0
V
Switch Control Voltage (L)
VC(L)
-0.2
0
+0.2
V


Similar Part No. - CG2430X1-EVAL

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2430X1-EVAL CEL-CG2430X1-EVAL Datasheet
831Kb / 8P
   0.1 to 6.0GHz SP3T Switch
CG2430X1-EVAL CEL-CG2430X1-EVAL Datasheet
788Kb / 10P
   0.1 to 6.0GHz SP3T Switch
More results

Similar Description - CG2430X1-EVAL

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2430X1 CEL-CG2430X1 Datasheet
831Kb / 8P
   0.1 to 6.0GHz SP3T Switch
CG2430X1 CEL-CG2430X1_17 Datasheet
788Kb / 10P
   0.1 to 6.0GHz SP3T Switch
logo
Skyworks Solutions Inc.
SKYA21062 SKYWORKS-SKYA21062 Datasheet
947Kb / 10P
   0.1 to 6.0 GHz SP3T Switch
November 18, 2022
SKY13588-460LF SKYWORKS-SKY13588-460LF Datasheet
739Kb / 9P
   0.1 to 6.0 GHz SP3T Switch
SKY13385-460LF SKYWORKS-SKY13385-460LF Datasheet
727Kb / 10P
   0.1 to 3.5 GHz SP3T Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF_15 Datasheet
756Kb / 11P
   0.1 to 3.5 GHz SP3T Switch
SKY13373-460LF SKYWORKS-SKY13373-460LF_15 Datasheet
748Kb / 9P
   0.1 to 6.0 GHz SP3T Switch
SKY13373-460LF SKYWORKS-SKY13373-460LF Datasheet
521Kb / 10P
   SKY13373-460LF 0.1-6.0 GHz SP3T Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF Datasheet
528Kb / 12P
   SKY13345-368LF 0.1-3.5 GHz SP3T Switch
logo
API Technologies Corp
310-021008-001 APITECH-310-021008-001 Datasheet
200Kb / 1P
   SP3T SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com