Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG2430X1 Datasheet(PDF) 5 Page - California Eastern Labs

Part # CG2430X1
Description  0.1 to 6.0GHz SP3T Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CG2430X1 Datasheet(HTML) 5 Page - California Eastern Labs

  CG2430X1 Datasheet HTML 1Page - California Eastern Labs CG2430X1 Datasheet HTML 2Page - California Eastern Labs CG2430X1 Datasheet HTML 3Page - California Eastern Labs CG2430X1 Datasheet HTML 4Page - California Eastern Labs CG2430X1 Datasheet HTML 5Page - California Eastern Labs CG2430X1 Datasheet HTML 6Page - California Eastern Labs CG2430X1 Datasheet HTML 7Page - California Eastern Labs CG2430X1 Datasheet HTML 8Page - California Eastern Labs CG2430X1 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CG2430X1
This document is subject to change without notice.
5
EVALUATION CIRCUIT
Note: It is recommended to connect the pin directly to ground, or leave unconnected.
Remarks C1: 0.1 to 2.0 GHz 330pF
: 2.0 to 6.0 GHz 8pF
The application circuits and their parameters are for reference only and are not intended for use in actual designs. DC
Blocking Capacitors are required at all RF ports.
PACKAGE DIMENSIONS
8-pin Plastic TSON (Unit: mm)


Similar Part No. - CG2430X1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2430X1 CEL-CG2430X1 Datasheet
831Kb / 8P
   0.1 to 6.0GHz SP3T Switch
CG2430X1 CEL-CG2430X1 Datasheet
788Kb / 10P
   0.1 to 6.0GHz SP3T Switch
CG2430X1-C2 CEL-CG2430X1-C2 Datasheet
831Kb / 8P
   0.1 to 6.0GHz SP3T Switch
CG2430X1-C2 CEL-CG2430X1-C2 Datasheet
788Kb / 10P
   0.1 to 6.0GHz SP3T Switch
CG2430X1-EVAL CEL-CG2430X1-EVAL Datasheet
831Kb / 8P
   0.1 to 6.0GHz SP3T Switch
More results

Similar Description - CG2430X1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2430X1 CEL-CG2430X1 Datasheet
831Kb / 8P
   0.1 to 6.0GHz SP3T Switch
CG2430X1 CEL-CG2430X1_17 Datasheet
788Kb / 10P
   0.1 to 6.0GHz SP3T Switch
logo
Skyworks Solutions Inc.
SKYA21062 SKYWORKS-SKYA21062 Datasheet
947Kb / 10P
   0.1 to 6.0 GHz SP3T Switch
November 18, 2022
SKY13588-460LF SKYWORKS-SKY13588-460LF Datasheet
739Kb / 9P
   0.1 to 6.0 GHz SP3T Switch
SKY13385-460LF SKYWORKS-SKY13385-460LF Datasheet
727Kb / 10P
   0.1 to 3.5 GHz SP3T Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF_15 Datasheet
756Kb / 11P
   0.1 to 3.5 GHz SP3T Switch
SKY13373-460LF SKYWORKS-SKY13373-460LF_15 Datasheet
748Kb / 9P
   0.1 to 6.0 GHz SP3T Switch
SKY13373-460LF SKYWORKS-SKY13373-460LF Datasheet
521Kb / 10P
   SKY13373-460LF 0.1-6.0 GHz SP3T Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF Datasheet
528Kb / 12P
   SKY13345-368LF 0.1-3.5 GHz SP3T Switch
logo
API Technologies Corp
310-021008-001 APITECH-310-021008-001 Datasheet
200Kb / 1P
   SP3T SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com