Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTP-85-A-D-155-L Datasheet(PDF) 3 Page - Amphenol Corporation

Part # HTP-85-A-D-155-L
Description  High Temperature Probes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

HTP-85-A-D-155-L Datasheet(HTML) 3 Page - Amphenol Corporation

  HTP-85-A-D-155-L Datasheet HTML 1Page - Amphenol Corporation HTP-85-A-D-155-L Datasheet HTML 2Page - Amphenol Corporation HTP-85-A-D-155-L Datasheet HTML 3Page - Amphenol Corporation HTP-85-A-D-155-L Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type HTP Series Specifications
The code number to be ordered may be specified as follows:
HTP High Temperature Probe
Code
Diameter
60
60 mils
65
65 mils
85
85 mils
100
100 mils
Code
Probe Length*
A
0.125 in (3.17 mm)
B
0.25 in (6.35 mm) standard
D
0.5 in (12.7 mm)
Code
Material System
D
--
Code
Resistance RT @ 257°F (125°C)**
514
510 kS
754
750 kS
105
1.0 MS
155
1.5 MS
Code
Tolerance***
F
1
G
2
J
5
K
10
L
15
M
20
N
25
P
30
Q
40
R
50
S
Non-standard
(consult factory)
HTP - ____
-
____
-
____
-
____ - ____
Typical model number
*The nominal standard value for the zero-power resistance at 257°F (125°C).
**The zero-power resistance at 77°F (25°C), expressed in Ω, is identified by a three digit code number. The first two digits represent
significant figures, and the last digit specifies the number of zeros to follow. Example: 0.06 in (1.5 mm) maximum diameter x 1/4 in
(6.35 mm) long glass probe with a zero-power resistance at 257°F (125°C) of 510 k and a tolerance of ±20% would be specified as
HTP60BD514M.
***Special tolerances are available on request . Consult the factory for special resistance tolerances, non-standard resistances and/or
non-standard temperatures.
Ordering Information


Similar Part No. - HTP-85-A-D-155-L

ManufacturerPart #DatasheetDescription
logo
Picker Components
HTP100 PICKER-HTP100 Datasheet
415Kb / 1P
   Heat Transfer Pad
logo
SHANTOU HUASHAN ELECTRO...
HTP12A60 HUASHAN-HTP12A60 Datasheet
189Kb / 3P
   NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
logo
SemiHow Co.,Ltd.
HTP12A60H SEMIHOW-HTP12A60H Datasheet
407Kb / 6P
   3 Quadrants Standard TRIAC
HTP12A80H SEMIHOW-HTP12A80H Datasheet
407Kb / 6P
   3 Quadrants Standard TRIAC
logo
SHANTOU HUASHAN ELECTRO...
HTP16A60 HUASHAN-HTP16A60 Datasheet
192Kb / 3P
   NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
More results

Similar Description - HTP-85-A-D-155-L

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
   Temperature Probes
409997 EXTECH-409997 Datasheet
180Kb / 1P
   Temperature Probes
TP870 EXTECH-TP870_15 Datasheet
180Kb / 1P
   Temperature Probes
872502 EXTECH-872502 Datasheet
180Kb / 1P
   Temperature Probes
881616 EXTECH-881616 Datasheet
180Kb / 1P
   Temperature Probes
logo
RFE international
SS113 RFE-SS113 Datasheet
88Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes
logo
Turck, Inc.
TTM-100-LIUPN-H1140 TURCK-TTM-100-LIUPN-H1140 Datasheet
155Kb / 2P
   Temperature measurement miniature transmitter for external probes
logo
List of Unclassifed Man...
P6015A ETC2-P6015A Datasheet
366Kb / 4P
   Passive High-voltage Probes
P7350 ETC2-P7350 Datasheet
1Mb / 4P
   High-performance Differential Probes
TMDP0200 ETC2-TMDP0200 Datasheet
338Kb / 6P
   High-voltage Differential Probes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com