Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG2163X3 Datasheet(PDF) 5 Page - California Eastern Labs

Part # CG2163X3
Description  Broadband SPDT RF Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CG2163X3 Datasheet(HTML) 5 Page - California Eastern Labs

  CG2163X3_17 Datasheet HTML 1Page - California Eastern Labs CG2163X3_17 Datasheet HTML 2Page - California Eastern Labs CG2163X3_17 Datasheet HTML 3Page - California Eastern Labs CG2163X3_17 Datasheet HTML 4Page - California Eastern Labs CG2163X3_17 Datasheet HTML 5Page - California Eastern Labs CG2163X3_17 Datasheet HTML 6Page - California Eastern Labs CG2163X3_17 Datasheet HTML 7Page - California Eastern Labs CG2163X3_17 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CG2163X3
This document is subject to change without notice.
5
RECOMMENDED SOLDERING CONDITIONS
Recommended Soldering Conditions are available on CEL’s Part Summary page under Associated Documents


Similar Part No. - CG2163X3_17

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2163X3-C2 CEL-CG2163X3-C2 Datasheet
614Kb / 7P
   Enter a Short Document/Title Name Here
CG2163X3-EVAL CEL-CG2163X3-EVAL Datasheet
614Kb / 7P
   Enter a Short Document/Title Name Here
More results

Similar Description - CG2163X3_17

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW1012 RFMD-RFSW1012 Datasheet
863Kb / 13P
   BROADBAND SPDT SWITCH
RF1602L RFMD-RF1602L Datasheet
645Kb / 8P
   Broadband SPDT Switch
RF1602 RFMD-RF1602 Datasheet
601Kb / 8P
   Broadband SPDT Switch
logo
Peregrine Semiconductor
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
   SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
logo
Peregrine Semiconductor...
PE4272 PEREGRINE-PE4272 Datasheet
222Kb / 11P
   SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
PE4273 PEREGRINE-PE4273 Datasheet
200Kb / 12P
   SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
PE4273 PEREGRINE-PE4273_06 Datasheet
232Kb / 11P
   SPDT Broadband UltraCMOS DC - 3 GHz RF Switch
logo
Peregrine Semiconductor
PE4272 PSEMI-PE4272 Datasheet
223Kb / 11P
   SPDT Broadband UltraCMOS DC ??3 GHz RF Switch
logo
M/A-COM Technology Solu...
MASWSS0093 MA-COM-MASWSS0093_15 Datasheet
82Kb / 3P
   GaAs Broadband SPDT Switch
MASWSS0070_V5 MA-COM-MASWSS0070_V5 Datasheet
126Kb / 5P
   GaAs Broadband SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com