Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8411IBPFBR Datasheet(PDF) 20 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS8411IBPFBR
Description  16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8411IBPFBR Datasheet(HTML) 20 Page - Burr-Brown (TI)

Back Button ADS8411IBPFBR Datasheet HTML 15Page - Burr-Brown (TI) ADS8411IBPFBR Datasheet HTML 16Page - Burr-Brown (TI) ADS8411IBPFBR Datasheet HTML 17Page - Burr-Brown (TI) ADS8411IBPFBR Datasheet HTML 18Page - Burr-Brown (TI) ADS8411IBPFBR Datasheet HTML 19Page - Burr-Brown (TI) ADS8411IBPFBR Datasheet HTML 20Page - Burr-Brown (TI) ADS8411IBPFBR Datasheet HTML 21Page - Burr-Brown (TI) ADS8411IBPFBR Datasheet HTML 22Page - Burr-Brown (TI) ADS8411IBPFBR Datasheet HTML 23Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
www.ti.com
REFERENCE
ANALOG INPUT
DIGITAL INTERFACE
Timing And Control
ADS8411
SLAS369B – APRIL 2002 – REVISED DECEMBER 2004
PRINCIPLES OF OPERATION (continued)
The analog input is provided to two input pins: +IN and –IN. When a conversion is initiated, the differential input
on these pins is sampled on the internal capacitor array. While a conversion is in progress, both inputs are
disconnected from any internal function.
The ADS8411 can operate with an external reference with a range from 3.9 V to 4.2 V. A 4.096-V internal
reference is included. When the internal reference is used, pin 2 (REFOUT) should be connected to pin 1
(REFIN) with 0.1-µF decoupling capacitor and 1-µF storage capacitor between pin 2 (REFOUT) and pins 47 and
48 (REFM) (see Figure 30). The internal reference of the converter is double buffered. If an external reference is
used, the second buffer provides isolation between the external reference and the CDAC. This buffer is also
used to recharge all of the capacitors of the CDAC during conversion. Pin 2 (REFOUT) can be left unconnected
(floating) if an external reference is used.
When the converter enters the hold mode, the voltage difference between the +IN and -IN inputs is captured on
the internal capacitor array. The voltage on the –IN input is limited between –0.2 V and 0.2 V, allowing the input
to reject small signals which are common to both the +IN and –IN inputs. The +IN input has a range of –0.2 V to
Vref + 0.2 V. The input span (+IN – (–IN)) is limited to 0 V to Vref.
The input current on the analog inputs depends upon a number of factors: sample rate, input voltage, and source
impedance. Essentially, the current into the ADS8411 charges the internal capacitor array during the sample
period. After this capacitance has been fully charged, there is no further input current. The source of the analog
input voltage must be able to charge the input capacitance (25 pF) to an 16-bit settling level within the acquisition
time (100 ns) of the device. When the converter goes into the hold mode, the input impedance is greater than 1
G
Ω.
Care must be taken regarding the absolute analog input voltage. To maintain the linearity of the converter, the
+IN and –IN inputs and the span (+IN – (–IN)) should be within the limits specified. Outside of these ranges, the
converter's linearity may not meet specifications. To minimize noise, low bandwidth input signals with low-pass
filters should be used.
Care should be taken to ensure that the output impedance of the sources driving +IN and –IN inputs are
matched. If this is not observed, the two inputs could have different setting time. This may result in offset error,
gain error and linearity error which varies with temperature and input voltage.
See the timing diagrams in the specifications section for detailed information on timing signals and their
requirements.
The ADS8411 uses an internal oscillator generated clock which controls the conversion rate and in turn the
throughput of the converter. No external clock input is required.
Conversions are initiated by bringing the CONVST pin low for a minimum of 20 ns (after the 20 ns minimum
requirement has been met, the CONVST pin can be brought high), while CS is low. The ADS8411 switches from
the sample to the hold mode on the falling edge of the CONVST command. A clean and low jitter falling edge of
this signal is important to the performance of the converter. The BUSY output is brought high after CONVST
goes low. BUSY stays high throughout the conversion process and returns low when the conversion has ended.
Sampling starts with the falling edge of the BUSY signal when CS is tied low or starts with the falling edge of CS
when BUSY is low.
Both RD and CS can be high during and before a conversion with one exception (CS must be low when
CONVST goes low to initiate a conversion). Both the RD and CS pins are brought low in order to enable the
parallel output bus with the conversion.
20


Similar Part No. - ADS8411IBPFBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8411IBPFBR BURR-BROWN-ADS8411IBPFBR Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results

Similar Description - ADS8411IBPFBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402 BURR-BROWN-ADS8402 Datasheet
212Kb / 25P
   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8402 TI1-ADS8402 Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8412 BURR-BROWN-ADS8412 Datasheet
736Kb / 26P
   16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8401 BURR-BROWN-ADS8401 Datasheet
238Kb / 10P
   16-BIT, 1.25 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8371 BURR-BROWN-ADS8371 Datasheet
350Kb / 32P
   16BIT 750KHZ UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG TO DIGITAL CONVERTER WITH PARALLEL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com