Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTP-60-D-D-754-L Datasheet(PDF) 2 Page - Amphenol Corporation

Part # HTP-60-D-D-754-L
Description  High Temperature Probes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

HTP-60-D-D-754-L Datasheet(HTML) 2 Page - Amphenol Corporation

  HTP-60-D-D-754-L Datasheet HTML 1Page - Amphenol Corporation HTP-60-D-D-754-L Datasheet HTML 2Page - Amphenol Corporation HTP-60-D-D-754-L Datasheet HTML 3Page - Amphenol Corporation HTP-60-D-D-754-L Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type HTP Series Specifications
Thermal and Electrical Properties
The following table lists the thermal and electrical proper-
ties for all high temperature probes. All definitions and test
methods are per MIL-PRF-23648.
Table A
Probe Length Options
Thermistor Type
HTP60
HTP65
HTP85
HTP100
Maximum
Diameter
0.060 in (1.5 mm)
0.065 in (1.7 mm)
0.085 in (2.2 mm)
0.100 in (2.5 mm)
Standard
Length Code “B”
0.250 in (6.3 mm)
0.250 in (6.3 mm)
0.250 in (6.3 mm)
0.250 in (6.3 mm)
Length Codes Available
(special order only)
“A”, “C”, “D”
“A”, “C”, “D”
“A”, “C”, “D”
“A”, “C”, “D”
Lead-Wires
Nominal Diameter
0.008 in (0.20 mm)
0.008 in (0.20 mm)
0.008 in (0.20 mm)
0.008 in (0.20 mm)
Minimum Lead Length
0.250 in (6.3 mm)
0.250 in (6.3 mm)
0.250 in (6.3 mm)
0.250 in (6.3 mm)
Lead Material
Platinum Alloy
Platinum Alloy
Platinum Alloy
Platinum Alloy
Thermal Time Constant
Still Air at 77°F (25°C)
12 seconds
13 seconds
16 seconds
22 seconds
Dissipation Constant
Still Air at 77°F (25°C)
0.60 mW/°C
0.65 mW/°C
0.80 mW/°C
1.0 mW/°C
Resistance Range at 257°F (125°C) ohms (S)
Maximum Power
100 k to 2 M
100 k to 2 M
100 k to 2 M
100 k to 2 M
Rating
0.060 Watts
0.065 Watts
0.075 Watts
0.100 Watts
Data
Table B
Temp °F (°C)
RT/R125
Temp °F (°C)
RT/R125
257 (125)
1.00000
572 (300)
0.00793
302 (150)
0.41087
617 (325)
0.00487
347 (175)
0.18272
662 (350)
0.00310
392 (200)
0.08720
707 (375)
0.00203
437 (225)
0.04430
725 (400)
0.00138
482 (250)
0.02380
797 (425)
0.00096
527 (275)
0.01344
842 (450)
0.00068
NTC Type HTP Series dimensions


Similar Part No. - HTP-60-D-D-754-L

ManufacturerPart #DatasheetDescription
logo
Picker Components
HTP100 PICKER-HTP100 Datasheet
415Kb / 1P
   Heat Transfer Pad
logo
SHANTOU HUASHAN ELECTRO...
HTP12A60 HUASHAN-HTP12A60 Datasheet
189Kb / 3P
   NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
logo
SemiHow Co.,Ltd.
HTP12A60H SEMIHOW-HTP12A60H Datasheet
407Kb / 6P
   3 Quadrants Standard TRIAC
HTP12A80H SEMIHOW-HTP12A80H Datasheet
407Kb / 6P
   3 Quadrants Standard TRIAC
logo
SHANTOU HUASHAN ELECTRO...
HTP16A60 HUASHAN-HTP16A60 Datasheet
192Kb / 3P
   NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
More results

Similar Description - HTP-60-D-D-754-L

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
   Temperature Probes
409997 EXTECH-409997 Datasheet
180Kb / 1P
   Temperature Probes
TP870 EXTECH-TP870_15 Datasheet
180Kb / 1P
   Temperature Probes
872502 EXTECH-872502 Datasheet
180Kb / 1P
   Temperature Probes
881616 EXTECH-881616 Datasheet
180Kb / 1P
   Temperature Probes
logo
RFE international
SS113 RFE-SS113 Datasheet
88Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes
logo
Turck, Inc.
TTM-100-LIUPN-H1140 TURCK-TTM-100-LIUPN-H1140 Datasheet
155Kb / 2P
   Temperature measurement miniature transmitter for external probes
logo
List of Unclassifed Man...
P6015A ETC2-P6015A Datasheet
366Kb / 4P
   Passive High-voltage Probes
P7350 ETC2-P7350 Datasheet
1Mb / 4P
   High-performance Differential Probes
TMDP0200 ETC2-TMDP0200 Datasheet
338Kb / 6P
   High-voltage Differential Probes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com