Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8411IPFBR Datasheet(PDF) 16 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS8411IPFBR
Description  16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8411IPFBR Datasheet(HTML) 16 Page - Burr-Brown (TI)

Back Button ADS8411IPFBR Datasheet HTML 12Page - Burr-Brown (TI) ADS8411IPFBR Datasheet HTML 13Page - Burr-Brown (TI) ADS8411IPFBR Datasheet HTML 14Page - Burr-Brown (TI) ADS8411IPFBR Datasheet HTML 15Page - Burr-Brown (TI) ADS8411IPFBR Datasheet HTML 16Page - Burr-Brown (TI) ADS8411IPFBR Datasheet HTML 17Page - Burr-Brown (TI) ADS8411IPFBR Datasheet HTML 18Page - Burr-Brown (TI) ADS8411IPFBR Datasheet HTML 19Page - Burr-Brown (TI) ADS8411IPFBR Datasheet HTML 20Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
www.ti.com
0
0.05
0.10
0.15
0.20
0.25
4.75
4.85
4.95
5.05
5.15
5.25
VDD − Supply Voltage − V
+VBD = 3.3 V,
TA = 25°C,
External
Reference
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
4.75
4.85
4.95
5.05
5.15
5.25
VDD − Supply Voltage − V
+VB D= 3.3 V,
TA = 25°C,
External
Reference
4.083
4.084
4.085
4.086
4.087
4.088
4.089
4.090
4.091
4.092
−40
−20
0
20
40
60
80
+VA = 5 V,
+VBD = 3.3 V
TA − Free-Air Temperature − °C
−0.15
−0.10
−0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
−40
−20
0
20
40
60
80
+VA = 5 V,
+VBD = 3.3 V,
External
Reference
TA − Free-Air Temperature − °C
ADS8411
SLAS369B – APRIL 2002 – REVISED DECEMBER 2004
TYPICAL CHARACTERISTICS (continued)
GAIN ERROR
OFFSET ERROR
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 18.
Figure 19.
INTERNAL VOLTAGE REFERENCE
GAIN ERROR
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 20.
Figure 21.
16


Similar Part No. - ADS8411IPFBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8411IPFBR BURR-BROWN-ADS8411IPFBR Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results

Similar Description - ADS8411IPFBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402 BURR-BROWN-ADS8402 Datasheet
212Kb / 25P
   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8402 TI1-ADS8402 Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8412 BURR-BROWN-ADS8412 Datasheet
736Kb / 26P
   16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8401 BURR-BROWN-ADS8401 Datasheet
238Kb / 10P
   16-BIT, 1.25 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8371 BURR-BROWN-ADS8371 Datasheet
350Kb / 32P
   16BIT 750KHZ UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG TO DIGITAL CONVERTER WITH PARALLEL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com