Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS8411 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. ADS8411
Description  16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8411 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS8411 Datasheet HTML 1Page - Burr-Brown (TI) ADS8411 Datasheet HTML 2Page - Burr-Brown (TI) ADS8411 Datasheet HTML 3Page - Burr-Brown (TI) ADS8411 Datasheet HTML 4Page - Burr-Brown (TI) ADS8411 Datasheet HTML 5Page - Burr-Brown (TI) ADS8411 Datasheet HTML 6Page - Burr-Brown (TI) ADS8411 Datasheet HTML 7Page - Burr-Brown (TI) ADS8411 Datasheet HTML 8Page - Burr-Brown (TI) ADS8411 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.ti.com
SPECIFICATIONS
ADS8411
SLAS369B – APRIL 2002 – REVISED DECEMBER 2004
T
A = –40°C to 85°C, +VA = 5 V, +VBD = 3 V or 5 V, Vref = 4.096 V, fSAMPLE = 2 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage (1)
+IN – (–IN)
0
Vref
V
+IN
–0.2
Vref + 0.2
Absolute input voltage
V
–IN
–0.2
0.2
Input capacitance
25
pF
Input leakage current
0.5
nA
SYSTEM PERFORMANCE
Resolution
16
Bits
ADS8411I
15
No missing codes
Bits
ADS8411IB
16
ADS8411I
–6
±4
6
INL
Integral linearity (2)(3)
LSB
ADS8411IB
–2.5
±1.5
2.5
ADS8411I
–2
±1
3
DNL
Differential linearity
LSB
ADS8411IB
–1
±0.8
2
ADS8411I
–1.5
±0.5
1.5
mV
EO
Offset error(4)
ADS8411IB
–0.75
±0.25
0.75
mV
ADS8411I
–0.15
0.15
EG
Gain error(4)(5)
%FS
ADS8411IB
–0.098
0.098
Noise
60
µV RMS
At FFFFh output code,
PSRR
DC Power supply rejection ratio
+VA = 4.75 V to 5.25 V,
2
LSB
Vref = 4.096 V (4)
SAMPLING DYNAMICS
Conversion time
340
400
ns
Acquisition time
100
ns
Throughput rate
2
MHz
Aperture delay
2
ns
Aperture jitter
25
ps
Step response
100
ns
Overvoltage recovery
100
ns
DYNAMIC CHARACTERISTICS
VIN = 4 Vpp at 100 kHz
–90
dB
THD
Total harmonic distortion (6)
VIN = 4 Vpp at 500 kHz
–88.5
dB
SNR
Signal-to-noise ratio
VIN = 4 Vpp at 100 kHz
86
dB
SINAD
Signal-to-noise + distortion
VIN = 4 Vpp at 100 kHz
85
dB
VIN = 4 Vpp at 100 kHz
90
dB
SFDR
Spurious free dynamic range
VIN = 4 Vpp at 500 kHz
88
dB
-3dB Small signal bandwidth
5
MHz
EXTERNAL VOLTAGE REFERENCE INPUT
Reference voltage at REFIN, Vref
3.9
4.096
4.2
V
Reference resistance (7)
500
k
(1)
Ideal input span, does not include gain or offset error.
(2)
LSB means least significant bit
(3)
This is endpoint INL, not best fit.
(4)
Measured relative to an ideal full-scale input [+IN – (–IN)] of 4.096 V
(5)
This specification does not include the internal reference voltage error and drift.
(6)
Calculated on the first nine harmonics of the input frequency
(7)
Can vary
±20%
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ADS8411 16-BIT 2 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADS8402 16-BIT 1.25 MSPS UNIPOLAR DIFFERENTIAL INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADS8401 16-BIT 1.25 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADS8412 16-BIT 2 MSPS UNIPOLAR DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADS8406 16-BIT 1.25 MSPS PSEUDO-BIPOLAR FULLY DIFFERENTIAL INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE 1  2  3  4  5  More Burr-Brown (TI)
ADS8481 18-BIT 1-MSPS PSEUDO-DIFFERENTIAL UNIPOLAR INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADS8381 18-BIT 580-kHz UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE 1  2  3  4  5  More Texas Instruments
ADS8370 16-BIT 600-kHz PSEUDO-DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADS8371 16BIT 750KHZ UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG TO DIGITAL CONVERTER WITH PARALLEL INTERFACE 1  2  3  4  5  More Burr-Brown (TI)
ADS8380 18-BIT 600-kHz PSEUDO-DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn