Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS8411 Datasheet(PDF) 14 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. ADS8411
Description  16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8411 Datasheet(HTML) 14 Page - Burr-Brown (TI)

Back Button ADS8411 Datasheet HTML 10Page - Burr-Brown (TI) ADS8411 Datasheet HTML 11Page - Burr-Brown (TI) ADS8411 Datasheet HTML 12Page - Burr-Brown (TI) ADS8411 Datasheet HTML 13Page - Burr-Brown (TI) ADS8411 Datasheet HTML 14Page - Burr-Brown (TI) ADS8411 Datasheet HTML 15Page - Burr-Brown (TI) ADS8411 Datasheet HTML 16Page - Burr-Brown (TI) ADS8411 Datasheet HTML 17Page - Burr-Brown (TI) ADS8411 Datasheet HTML 18Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
www.ti.com
92
92.5
93
93.5
94
94.5
95
95.5
−40
−20
0
20
40
60
80
TA − Free-Air Temperature − °C
fi = 100 kHz,
+VA = 5 V,
+VBD = 3.3 V,
TA = 25°C,
Internal
Reference
−94.5
−94
−93.5
−93
−92.5
−92
−91.5
−91
−40
−20
0
20
40
60
80
TA − Free-Air Temperature − °C
fi = 100 kHz,
+VA = 5 V,
+VBD = 3.3 V,
TA = 25°C,
Internal
Reference
86
86.1
86.2
86.3
86.4
86.5
86.6
86.7
86.8
86.9
0
20
40
60
80
100
fi − Input Frequency − kHz
+VA = 5 V,
+VBD = 3.3 V,
TA = 25°C,
Internal
Reference
13.4
13.45
13.5
13.55
13.6
13.65
13.7
13.75
13.8
13.85
13.9
0
20
40
60
80
100
fi − Input Frequency − kHz
+VA = 5 V,
+VBD = 3.3 V,
TA = 25°C,
Internal
Reference
ADS8411
SLAS369B – APRIL 2002 – REVISED DECEMBER 2004
TYPICAL CHARACTERISTICS (continued)
SPURIOUS FREE DYNAMIC RANGE
TOTAL HARMONIC DISTORTION
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 10.
Figure 11.
SIGNAL-TO-NOISE RATIO
EFFECTIVE NUMBER OF BITS
vs
vs
INPUT FREQUENCY
INPUT FREQUENCY
Figure 12.
Figure 13.
14


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ADS8411 16-BIT 2 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADS8402 16-BIT 1.25 MSPS UNIPOLAR DIFFERENTIAL INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADS8401 16-BIT 1.25 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADS8412 16-BIT 2 MSPS UNIPOLAR DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADS8406 16-BIT 1.25 MSPS PSEUDO-BIPOLAR FULLY DIFFERENTIAL INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE 1  2  3  4  5  More Burr-Brown (TI)
ADS8481 18-BIT 1-MSPS PSEUDO-DIFFERENTIAL UNIPOLAR INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADS8381 18-BIT 580-kHz UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE 1  2  3  4  5  More Texas Instruments
ADS8370 16-BIT 600-kHz PSEUDO-DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)
ADS8371 16BIT 750KHZ UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG TO DIGITAL CONVERTER WITH PARALLEL INTERFACE 1  2  3  4  5  More Burr-Brown (TI)
ADS8380 18-BIT 600-kHz PSEUDO-DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE 1  2  3  4  5  More Burr-Brown (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn