Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS8411 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. ADS8411
Description  16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

ADS8411 Datasheet(HTML) 5 Page - Burr-Brown (TI)

 
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
TIMING CHARACTERISTICS
ADS8411
SLAS369B – APRIL 2002 – REVISED DECEMBER 2004
All specifications typical at –40
°C to 85°C, +VA = +VBD = 5 V (1)(2)(3)
PARAMETER
MIN
TYP
MAX
UNIT
tCONV
Conversion time
340
400
ns
tACQ
Acquisition time
100
ns
tpd1
CONVST low to BUSY high
30
ns
tpd2
Propagation delay time, end of conversion to BUSY low
5
ns
tw1
Pulse duration, CONVST low
20
ns
tsu1
Setup time, CS low to CONVST low
0
ns
tw2
Pulse duration, CONVST high
20
ns
CONVST falling edge jitter
10
ps
tw3
Pulse duration, BUSY signal low
Min(tACQ)
ns
tw4
Pulse duration, BUSY signal high
370
ns
Hold time, first data bus data transition (RD low, or CS low for read
th1
40
ns
cycle, or BYTE input changes) after CONVST low
td1
Delay time, CS low to RD low (or BUSY low to RD low)
0
ns
tsu2
Setup time, RD high to CS high
0
ns
tw5
Pulse duration, RD low
50
ns
ten
Enable time, RD low (or CS low for read cycle) to data valid
20
ns
td2
Delay time, data hold from RD high
0
ns
td3
Delay time, BYTE rising edge or falling edge to data valid
2
20
ns
tw6
Pulse duration, RD high
20
ns
tw7
Pulse duration, CS high
20
ns
Hold time, last RD (or CS for read cycle ) rising edge to CONVST
th2
50
ns
falling edge
tsu3
Setup time, BYTE transition to RD falling edge
0
ns
th3
Hold time, BYTE transition to RD falling edge
0
ns
tdis
Disable time, RD high (CS high for read cycle) to 3-stated data bus
20
ns
td5
Delay time, end of conversion to MSB data valid
10
ns
Byte transition setup time, from BYTE transition to next BYTE
tsu4
50
ns
transition
td6
Delay time, CS rising edge to BUSY falling edge
50
ns
td7
Delay time, BUSY falling edge to CS rising edge
50
ns
Setup time, from the falling edge of CONVST (used to start the valid
conversion) to the next falling edge of CONVST (when CS = 0 and
tsu(AB)
60
340
ns
CONVST used to abort) or to the next falling edge of CS (when CS is
used to abort)
Setup time, falling edge of CONVST to read valid data (MSB) from
tsu5
MAX(tCONV) + MAX(td5)
ns
current conversion
Hold time, data (MSB) from previous conversion hold valid from
th4
MIN(tCONV)
ns
falling edge of CONVST
(1)
All input signals are specified with tr = tf = 5 ns (10% to 90% of +VBD) and timed from a voltage level of (VIL + VIH)/2.
(2)
See timing diagrams.
(3)
All timings are measured with 20 pF equivalent loads on all data bits and BUSY pins.
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADS841116-BIT 2 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS840216-BIT 1.25 MSPS UNIPOLAR DIFFERENTIAL INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS840116-BIT 1.25 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS841216-BIT 2 MSPS UNIPOLAR DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS840616-BIT 1.25 MSPS PSEUDO-BIPOLAR FULLY DIFFERENTIAL INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS848118-BIT 1-MSPS PSEUDO-DIFFERENTIAL UNIPOLAR INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS838118-BIT 580-kHz UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE 1 2 3 4 5 MoreTexas Instruments
ADS837016-BIT 600-kHz PSEUDO-DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS837116BIT 750KHZ UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG TO DIGITAL CONVERTER WITH PARALLEL INTERFACE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS838018-BIT 600-kHz PSEUDO-DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn