Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-6249 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SG-BGA-6249
Description  Ball guide prevents over compression of elastomer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6249 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SG-BGA-6249 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6249 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6249 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6249 Datasheet HTML 4Page - Ironwood Electronics. SG-BGA-6249 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Status: Released
Drawing: J. Glab
Scale: 2:1
Rev: B
Date: 11/09/07
File: SG-BGA-6249 Dwg
SG-BGA-6249 Drawing
Modified: 5/19/09
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
Torque = 0.5 to 1 in-lbs
PAGE 1 of 5
18.75mm
+ IC thickness
32.225 mm
A
A
GHz BGA Socket - Direct mount, solderless
Features
High speed, reliable Elastomer connection
Compression plate distributes forces evenly
Ball guide prevents over compression of elastomer
Minimum real estate required
Directly mounts to target PCB (needs tooling holes) with hardware.
Top View
Side View
(Section AA)
Heat sink lid for power dissipation
Socket base screw: Socket head cap, Alloy steel with
black oxide finish, 0-80 fine thread , 9.525mm long.
Socket base: Black anodized Aluminum.
Thickness = 5mm.
Socket lid screw: Shoulder screw, 18-8 SS, 0-80 fine
thread.
Insulation Plate: FR4/G10, Thickness = 1.59mm.
Backing Plate: Black anodized 6061 Aluminum.
Thickness = 6.35mm.
Heatsink Lid: Black anodized Aluminum.
Thickness = 18mm.
Elastomer: 40 micron dia gold plated brass
filaments arranged symmetrically in a silicone
rubber (63.5 degree angle).
Thickness = 0.75mm.
Elastomer Guide: Cirlex or equivalent.
Thickness = 0.725mm.
Ball Guide: Kapton polyimide.
Thickness = 0.25mm.
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
9
8
Target PCB
BGA IC
10
© 2007 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com


Similar Part No. - SG-BGA-6249

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6240 IRONWOOD-SG-BGA-6240 Datasheet
94Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6241 IRONWOOD-SG-BGA-6241 Datasheet
214Kb / 5P
   Ball guide prevents over compression of elastomer
SG-BGA-6242 IRONWOOD-SG-BGA-6242 Datasheet
50Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6243 IRONWOOD-SG-BGA-6243 Datasheet
50Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6244 IRONWOOD-SG-BGA-6244 Datasheet
135Kb / 4P
   Ball guide prevents over compression of elastomer
More results

Similar Description - SG-BGA-6249

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com