Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-6251 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SG-BGA-6251
Description  Ball guide prevents over compression of elastomer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6251 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SG-BGA-6251 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6251 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6251 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6251 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
30.225mm
30.225mm
Assembled
8.25mm +
IC thickness
Recommended torque = 3 in lbs.
A
A
11
Insulation Plate: FR4/G10, 1.59mm thick.
Backing Plate: Anodized Aluminum 6.35mm thick.
7
8
9
10
11
12
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
GHz BGA Socket - Direct mount, solderless
Features
Status: Released
Drawing: J. Glab
Scale: -
Rev: C
Date: 12/26/07
File: SG-BGA-6251 Dwg.mcd
SG-BGA-6251 Drawing
1
5
8
6
3
High speed, reliable Elastomer connection
Compression plate distributes forces evenly
Ball guide prevents over compression of elastomer
Minimum real estate required
Directly mounts to target PCB (needs tooling holes) with hardware.
Customer's Target PCB
4
Top View
Side View
(Section AA)
Easily removable swivel socket lid
2
7
9
Modified: 07/08/14, DH
PAGE 1 of 4
10
Socket Lid: Black anodized Aluminum.
Thickness = 2.5mm.
Socket base screw: Socket head cap, Alloy steel with
black oxide finish, 0-80 fine thread , 15.87mm long.
1
Elastomer Guide: Non-clad FR4.
Thickness = 0.725mm.
Compression Plate: Black anodized Aluminum.
Thickness = 2.5mm.
Elastomer: 40 micron dia gold plated brass
filaments arranged symmetrically in a silicone
rubber (63.5 degree angle).
Thickness = 0.75mm.
Socket base: Black anodized Aluminum.
Thickness = 6.5mm.
Ball Guide: Kapton polyimide.
Socket lid screw: Shoulder screw, 18-8 SS, 0-80 fine
thread.
Compression screw: Black anodized Aluminum.
Thickness = 5mm, Hex socket = 5mm.
2
3
4
5
6
Customer's
BGA IC
© 2009 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
IC Guide: Torlon
12


Similar Part No. - SG-BGA-6251

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6250 IRONWOOD-SG-BGA-6250 Datasheet
56Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6252 IRONWOOD-SG-BGA-6252 Datasheet
53Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6253 IRONWOOD-SG-BGA-6253 Datasheet
56Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6254 IRONWOOD-SG-BGA-6254 Datasheet
58Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6255 IRONWOOD-SG-BGA-6255 Datasheet
54Kb / 3P
   Ball guide prevents over compression of elastomer
More results

Similar Description - SG-BGA-6251

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com