Electronic Components Datasheet Search |
|
3400331600 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers |
|
3400331600 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers |
61 / 164 page Part Number 19" Mounting Frame with Transparent Cover For Secondary Services, Product Support, or To Order, Call 1-301-696-9800 59 Enclosure with connection compartment Standard (63.5 mm) 07192101 00 07282101 00 07422101 00 Enclosure with connection compartment Standard (63.5 mm) 07191200 00 07281200 00 07421200 00 07191101 00 07281101 00 07421101 00 07192100 00 07282100 00 07422100 00 07192200 00 07282200 00 07422200 00 07193101 00 07283101 00 07423101 00 07193200 00 07283200 00 07423200 00 07193100 00 07283100 00 07423100 00 07193300 00** 07283300 00** 07423300 00** 07193301 00** 07283301 00** 07423301 00** - - - 07192300 00 07282300 00 07422300 00 07192301 00 07282301 00 07422301 00 - - - • Aluminum electronic enclosures, chassis fittings in three sizes • Variable length options using profile technology • Standard construction or version with connection compartment • Optional Polycarbonate transparent cover Profitronic Included in delivery Enclosure system - depending on version, either with cast aluminum lids, connection compartment, or transparent cover; please order mounting elements separately. Technical Data Material Ingress Protection Opening Angle Temperature Resistance Surface Resistance Color Al Mg Si 0.5; connection compartment AlSi12 IP 65 EN 60529 For connection compartments and transparent covers 110° Lid seals -40°F to + 212°F Transparent cover -40° to +158°F; only suitable for external applications Plastic resin stove-enamel finish Light gray, similar to RAL 7035 - enclosure body and connection compartment Stone gray, similar to RAL 7030 - enclosure lid and external fittings Special colors on request 19TE 28TE 42TE 19TE 28TE 42TE 19TE 28TE 42TE Type Dimensions* Inches Part Number 19" Mounting Frame Part Number Front Panel Lid Part Number Front Panel Lid Part Number Front Panel Lid and Transparent Cover Dimensions* mm W x L x H W x L x H 5.83 x 9.29 x 9.49 7.52 x 9.29 x 9.49 10.43 x 9.29 x 9.49 8.53 x 10.87 x 9.49 7.52 x 10.87 x 9.49 10.43 x 10.87 x 9.49 5.83 x 9.25 x 5.87 7.52 x 9.25 x 5.87 10.43 x 9.25 x 5.87 148 x 236 x 241 191 x 236 x 241 265 x 236 x 241 148 x 276 x 241 191 x 276 x 241 265 x 276 x 241 148 x 235 x 149 191 x 235 x 149 265 x 235 x 149 07191100 00 07281100 00 07421100 00 Part Number 07000100 00 07000200 00 07000017 00 07000018 00 07000019 00 07000010 00 07000011 00 07190020 00 07280020 00 07420020 00 07190010 00 07280010 00 07420010 00 07190030 00 07280030 00 07420030 00 10070018 00 07700081 00 Type 0719 0728 0742 Type 0719 0729 0742 Type 0719 0728 0742 External mounting for enclosure with connection compartment (set of 2) External mounting for enclosures without connection compartment (set of 2) Special lock with socket wrench for connection compartment (mounted) Turning handle for transparent cover (mounted) Cylinder lock, for transparent cover (mounted) Board guides for PCB’s, fixed (set of 10) Board guides for PCB’s; variable (set of 10) Insulating strip to fix bus boards (set of 2) Aluminum profile (Z rails) to fix connector bars (set of 2) Mounting plate for connection compartment Self-adhesive table feet (set of 4) Mounting feet (2 pieces) Accessories Enclosure with connection compartment Standard (63.5 mm) *Length without lid ** Enclosure length is equal to connection compartment depth |
Similar Part No. - 3400331600 |
|
Similar Description - 3400331600 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |