Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC40103D Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # 74HC40103D
Description  8-bit synchronous binary down counter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

74HC40103D Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button 74HC40103D Datasheet HTML 2Page - Integrated Circuit Systems 74HC40103D Datasheet HTML 3Page - Integrated Circuit Systems 74HC40103D Datasheet HTML 4Page - Integrated Circuit Systems 74HC40103D Datasheet HTML 5Page - Integrated Circuit Systems 74HC40103D Datasheet HTML 6Page - Integrated Circuit Systems 74HC40103D Datasheet HTML 7Page - Integrated Circuit Systems 74HC40103D Datasheet HTML 8Page - Integrated Circuit Systems 74HC40103D Datasheet HTML 9Page - Integrated Circuit Systems 74HC40103D Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
1998 Jul 08
6
Philips Semiconductors
Product specification
8-bit synchronous binary down counter
74HC/HCT40103
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min. typ. max. min. max.
min.
max.
tPHL/ tPLH
propagation delay
CP to TC
96
300
375
450
ns
2.0
Fig.7
35
60
75
90
4.5
28
51
64
77
6.0
tPHL/ tPLH
propagation delay
TE to TC
50
175
220
265
ns
2.0
Fig.8
18
35
44
53
4.5
14
30
37
45
6.0
tPHL/ tPLH
propagation delay
PL to TC
102
315
395
475
ns
2.0
Fig.9
37
63
79
95
4.5
30
53
40
81
6.0
tPHL
propagation delay
MR to TC
83
275
345
415
ns
2.0
Fig.9
30
55
69
83
4.5
24
47
59
71
6.0
tTHL/ tTLH
output transition time
19
75
95
110
ns
2.0
Figs 7 and 8
7
15
19
22
4.5
6
13
16
19
6.0
tW
clock pulse width
HIGH or LOW
165
22
205
250
ns
2.0
Fig.7
33
8
41
50
4.5
28
6
35
43
6.0
tW
master reset pulse width
LOW
125
39
155
190
ns
2.0
Fig.9
25
14
31
38
4.5
21
11
26
32
6.0
tW
preset enable pulse width
PL; LOW
125
33
155
190
ns
2.0
Fig.9
25
12
31
38
4.5
21
10
26
32
6.0
trem
removal time
MR to CP or PL to CP
50
14
65
75
ns
2.0
Fig.10
10
5
13
15
4.5
9
4
11
13
6.0
tsu
set-up time
PE to CP
75
22
95
110
ns
2.0
Fig.11
15
8
19
22
4.5
13
6
16
19
6.0


Similar Part No. - 74HC40103D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC40103D PHILIPS-74HC40103D Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
74HC40103D PHILIPS-74HC40103D Datasheet
144Kb / 25P
   8-bit synchronous binary down counter
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC40103D NEXPERIA-74HC40103D Datasheet
836Kb / 23P
   8-bit synchronous binary down counter
Rev. 5 - 21 April 2016
logo
NXP Semiconductors
74HC40103DB PHILIPS-74HC40103DB Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
74HC40103DB PHILIPS-74HC40103DB Datasheet
144Kb / 25P
   8-bit synchronous binary down counter
Rev. 03-12 November 2004
More results

Similar Description - 74HC40103D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC40103 PHILIPS-74HC40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
74HC40103DB PHILIPS-74HC40103DB Datasheet
144Kb / 25P
   8-bit synchronous binary down counter
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC40103 NEXPERIA-74HC40103 Datasheet
836Kb / 23P
   8-bit synchronous binary down counter
Rev. 5 - 21 April 2016
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
   8-Bit Synchronous Binary Up Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Micrel Semiconductor
SY10E016 MICREL-SY10E016 Datasheet
102Kb / 10P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
logo
Texas Instruments
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com