Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP100-D-D-202 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # SP100-D-D-202
Description  Ultra-stable Probe Thermistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SP100-D-D-202 Datasheet(HTML) 2 Page - Amphenol Corporation

  SP100-D-D-202 Datasheet HTML 1Page - Amphenol Corporation SP100-D-D-202 Datasheet HTML 2Page - Amphenol Corporation SP100-D-D-202 Datasheet HTML 3Page - Amphenol Corporation SP100-D-D-202 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SP60/65/85/100 Specifications
NTC Type SP60/65/85/100 dimensions
Thermal and Electrical Properties
The following table lists the thermal and electrical
properties for all ultra-stable probe thermistors.
All definitions and test methods are per MIL-
PRF-23648
Table A
Thermistor Type
SP60
SP65
SP85
SP100
Body Dimensions
Max. Diameter
.060 in (1.5 mm)
.065 in (1.6 mm)
.085 in (2.1 mm)
.100 in (2.5 mm)
Standard Lengths
Code “A”
.125 in (3.2 mm)
.125 in (3.2 mm)
.125 in (3.2 mm)
.125 in (3.2 mm)
Code “B”
.250 in (6.3 mm)
.250 in (6.3 mm)
.250 in (6.3 mm)
.250 in (6.3 mm)
Code “D”
.500 in (12.7 mm)
.500 in (12.7 mm)
.500 in (12.7 mm)
.500 in (12.7 mm)
Lead-wires
Nominal Diameter
.008 in (.20 mm)
.008 in (.20 mm)
.012 in (.30 mm)
.012 in (.30 mm)
Minimum Lead Length
.875 in (22 mm)
.875 in (22 mm)
.875 in (22 mm)
.875 in (22 mm)
Lead Material
Class “A” 200°F (105°C)
Tinned Dumet
Tinned Dumet
Tinned Dumet
Tinned Dumet
Class “B” 392°F (200°C)
Platinum Alloy
Platinum Alloy
Platinum Alloy
Platinum Alloy
Class “C” 572°F (300°C)
Platinum Alloy
Platinum Alloy
Platinum Alloy
Platinum Alloy
Thermal Time Constant
Still Air at 77°F (25°C)
12 sec
13 sec
16 sec
22 sec
Plunge into Water
300 msec
320 msec
400 msec
600 msec
Dissipation Constant
Still Air at 77°F (25°C)
.60 mW/°C
.65 mW/°C
.85 mW/°C
1.00 mW/°C
Still Water at 77°F (25°C)
3.00 mW/°C
3.30 mW/°C
4.00 mW/°C
5.00 mW/°C
Power Rating (in air)
100% Maximum Power Rating @ 77°F (25°C)
.048 Watts
.052 Watts
.068 Watts
.080 Watts
Derated to 0% @ Maximum Temperature
See Class
See Class
See Class
See Class


Similar Part No. - SP100-D-D-202

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP100-12 ASTRODYNE-SP100-12 Datasheet
343Kb / 4P
   100W Single Output with PFC Function
SP100-12-DRL ASTRODYNE-SP100-12-DRL Datasheet
425Kb / 5P
   100W Single Output with PFC Function
SP100-13.5 ASTRODYNE-SP100-13.5 Datasheet
343Kb / 4P
   100W Single Output with PFC Function
SP100-13.5-DRL ASTRODYNE-SP100-13.5-DRL Datasheet
425Kb / 5P
   100W Single Output with PFC Function
SP100-15 ASTRODYNE-SP100-15 Datasheet
343Kb / 4P
   100W Single Output with PFC Function
More results

Similar Description - SP100-D-D-202

ManufacturerPart #DatasheetDescription
logo
Chengdu Xtaltq Technolo...
BT1220 XTAITQ-BT1220 Datasheet
243Kb / 2P
   Ultra Stable
BT0914A XTAITQ-BT0914A_V01 Datasheet
307Kb / 2P
   Ultra Stable
logo
List of Unclassifed Man...
ATC800C ETC2-ATC800C Datasheet
191Kb / 5P
   Ultra-Stable Performance
ATC800E ETC2-ATC800E Datasheet
142Kb / 5P
   Ultra-Stable Performance
ATC100A ETC2-ATC100A Datasheet
275Kb / 6P
   Ultra-Stable Performance
ATC700C ETC2-ATC700C Datasheet
283Kb / 6P
   Ultra-Stable Performance
logo
Vishay Siliconix
VJHIFREQ VISHAY-VJHIFREQ Datasheet
144Kb / 11P
   Ultra-stable dielectric material
Revision: 13-Dec-16
logo
TDK Electronics
B57500K0103A001 TDK-B57500K0103A001 Datasheet
286Kb / 10P
   Probe assemblies
B57500M0103A005 TDK-B57500M0103A005 Datasheet
277Kb / 9P
   Probe assemblies
B57504K0103A009 TDK-B57504K0103A009 Datasheet
274Kb / 9P
   Probe assemblies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com