Electronic Components Datasheet Search |
|
SP65-B-D-202 Datasheet(PDF) 4 Page - Amphenol Corporation |
|
SP65-B-D-202 Datasheet(HTML) 4 Page - Amphenol Corporation |
4 / 4 page AAS-920-248B - 12/2014 www.amphenol-sensors.com © 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice. Other company names and product names used in this document are the registered trademarks or trademarks of their respective owners. Amphenol Advanced Sensors Ordering Information The code number to be ordered may be specified as follows: Code Model Number SP 60 SP 65 SP 85 SP 100 Code Probe Length A 1/8 in (3.175 mm) B 1/4 in (6.35 mm) D 1/2 in (12.7 mm) Code Material System Code X See table B for codes Code Zero-power resistance @ 77°F (25°C)** 202 See Note 2 Code Tolerance* F 1 G 2 J 5 K 10 L 15 M 20 N 25 P 30 Q 40 R 50 S Non-standard (specify value) Code Temperature Class Stability A 221°F (105°C) maximum B 392°F (200°C) maximum C 572°F (300°C) maximum Code Group (Resistance Change) 1 .02% per year 2 .05% per year 3 .075% per year 4 .1% per year 5 .2% per year 6 .5% per year SP ____ - ____ - ____ - ____ - ____ - ____ - ____ Typical model number *Special tolerances are available on request. Consult the factory for special resistance tolerances, non-standard resistances and/or non- standard temperatures. **The zero-power resistance at 77°F (25°C), expressed in ohms, is identified by a three digit code number. The first two digits represent significant figures, and the last digit specifies the number of zeros to follow. Example: 2k Ohms =“202”. The standard resistance val- ues are from the 24-Value series decade as specified in Military Standard MS90178. 1.0 / 1.1 / 1.2 / 1.3 / 1.5 / 1.6 / 1.8 / 2.0 / 2.2 / 2.4 / 2.7 / 3.0 3.3 / 3.6 / 3.9 / 4.3 / 4.7 / 5.1 / 5.6 / 6.2 / 6.8 / 7.5 / 8.2 / 9.1 |
Similar Part No. - SP65-B-D-202 |
|
Similar Description - SP65-B-D-202 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |