Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKM Datasheet(PDF) 11 Page - Amphenol Corporation

Part # DKM
Description  Thermometrics temperature sensor solutions
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

DKM Datasheet(HTML) 11 Page - Amphenol Corporation

Back Button DKM Datasheet HTML 7Page - Amphenol Corporation DKM Datasheet HTML 8Page - Amphenol Corporation DKM Datasheet HTML 9Page - Amphenol Corporation DKM Datasheet HTML 10Page - Amphenol Corporation DKM Datasheet HTML 11Page - Amphenol Corporation DKM Datasheet HTML 12Page - Amphenol Corporation DKM Datasheet HTML 13Page - Amphenol Corporation DKM Datasheet HTML 14Page - Amphenol Corporation DKM Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PTCThermistors
Self-regulating heaters
YH
PTH
ü
• Temperatureregulation
on range of supply
voltage
• Voltageratings12to
240V
• Referencetemperatures
40to180°C
• Customshapes
Medical equipment,
in-line diesel
fuel heaters,
LCDheaters,
stabilization
of electronic
components,
wax motors,
saw devices, air
fresheners outside
camera lenses
Liquid level sensing
YL
JYA
ü
• Waterresistanthousing
• Highsensitivity
• Axialandradialformats
Tea urns, fuel
storage systems,
industrial plants,
laboratory water
stills, vending
machines
Description
Codes
Key Features
Typical Uses
11


Similar Part No. - DKM

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DKM10A-05 MEANWELL-DKM10A-05 Datasheet
111Kb / 4P
   10W 1"x1" Package DC-DC Regulated Converter
DKM10A-12 MEANWELL-DKM10A-12 Datasheet
111Kb / 4P
   10W 1"x1" Package DC-DC Regulated Converter
DKM10A-15 MEANWELL-DKM10A-15 Datasheet
111Kb / 4P
   10W 1"x1" Package DC-DC Regulated Converter
DKM10B-05 MEANWELL-DKM10B-05 Datasheet
111Kb / 4P
   10W 1"x1" Package DC-DC Regulated Converter
DKM10B-12 MEANWELL-DKM10B-12 Datasheet
111Kb / 4P
   10W 1"x1" Package DC-DC Regulated Converter
More results

Similar Description - DKM

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
ZTP-015 AMPHENOL-ZTP-015 Datasheet
96Kb / 2P
   Thermometrics IR Sensor
logo
Willow Technologies Ltd
HS12SP WILLOW-HS12SP Datasheet
1Mb / 4P
   Thermometrics Relative Humidity Sensor
HS30P WILLOW-HS30P Datasheet
1Mb / 2P
   Thermometrics Relative Humidity Sensor
logo
General Electric Compan...
ZTP-135SR GEC-ZTP-135SR Datasheet
189Kb / 4P
   Thermometrics Thermopile IR Sensor
logo
Amphenol Corporation
CSP60BA252M AMPHENOL-CSP60BA252M Datasheet
74Kb / 2P
   Thermometrics Laboratory NTC Temperature Standards
AAS-920-614A AMPHENOL-AAS-920-614A Datasheet
67Kb / 4P
   Thermometrics Precision, Ultrastable NTC Temperature Standards
SC30 AMPHENOL-SC30 Datasheet
56Kb / 4P
   Thermometrics
DO35 AMPHENOL-DO35 Datasheet
95Kb / 8P
   Thermometrics
P20 AMPHENOL-P20 Datasheet
73Kb / 4P
   Thermometrics
RL1004-10K-0-S1 AMPHENOL-RL1004-10K-0-S1 Datasheet
48Kb / 2P
   Thermometrics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com