Electronic Components Datasheet Search |
|
3420100600 Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers |
|
3420100600 Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers |
70 / 164 page www.Rose-Bopla.com 68 Dimension mm Dimensions Inches W x L x H W x L x H Accessories 19 x 110.8 x 75 22 x 110.8 x 75 26 x 110.8 x 75 19/22/26 x 110.8 x 75 19 x 110.8 x 75 22 x 110.8 x 75 26 x 110.8 x 75 19 x 110.8 x 75 22 x 110.8 x 75 26 x 110.8 x 75 19 x 110.8 x 75 22 x 110.8 x 75 26 x 110.8 x 75 19/22/26 x 110.8 x 75 19 22 26 19 22 26 19 22 26 19 - 26 19 - 26 22 - 26 22 - 26 19 - 26 19 - 26 19 - 26 19 - 26 0.75 x 4.36 x 2.95 0.87 x 4.36 x 2.95 1.03 x 4.36 x 2.95 0.75/0.87/1.03 x 4.36 x 2.95 0.75 x 4.36 x 2.95 0.87 x 4.36 x 2.95 1.03 x 4.36 x 2.95 0.75 x 4.36 x 2.95 0.87 x 4.36 x 2.95 1.03 x 4.36 x 2.95 0.75 x 4.36 x 2.95 0.87 x 4.36 x 2.95 1.03 x 3.97 x 2.95 0.75/0.87/1.03 x 4.36 x 2.95 0.75 0.87 1.02 0.75 0.87 1.02 0.75 0.87 1.02 0.75 - 1.02 0.75 - 1.02 0.87 - 1.02 0.87 - 1.02 0.75 - 1.02 0.75 - 1.02 0.75 - 1.02 0.75 - 1.02 • Optimal PCB utilization because the unit PCB is inserted from the side • The right angled shape of the soldering pins makes it possible to mount terminals with components in one soldering process • Latching of the shell and lid can take place on automated machines because of the special snap trim Included in delivery Shell only. Lid and accessories must be ordered separately Technical Data Color Material Flammability Surface Resistance Ingress Protection Light gray, similar to RAL 7035. Special colors or request. Minimum order quantities apply. Polyamide 6,6 FR, front flap crystal clear polycarbonate UL 94 V0/1 >1015 Ohm to DIN 53482 IP 40 to DIN EN 60529 for complete enclosure without ventilation. IP 30 to DIN EN 60529 for complete enclosure with ventilation IP 20 to DIN EN 60529 for terminals Model Part Number CN 19 GU CN 22 GU CN 26 GU CN-DU CN 19 GU-L CN 22 GU-L CN 26 GU-L CN 19 GK CN 22 GK CN 26 GK CN 19 GK-L CN 22 GK-L CN 26 GK-L CN-DK 65019000 00 65022000 00 65026000 00 65000100 00 65019010 00 65022010 00 65026010 00 65019100 00 65022100 00 65026100 00 65019110 00 65022110 00 65026110 00 65000200 00 Enclosure shell, universal Enclosure shell, universal Enclosure shell, universal Enclosure lid, universal Enclosure shell, universal, with air vents (on request) Enclosure shell, universal, with air vents (on request) Enclosure shell, universal, with air vents (on request) Enclosure shell, contoured Enclosure shell, contoured Enclosure shell, contoured Enclosure shell, contoured, with air vents Enclosure shell, contoured, with air vents Enclosure shell, contoured, with air vents Enclosure lid, contoured Dimensions Width mm Dimensions Width Inches CombiNorm Compact CN 19 FP CN 22 FP CN 26 FP CN 19 FK CN 22 FK CN 26 FK CN 19 FKG CN 22 FKG CN 26 FKG AK 8191/2DL AK 8191/2DR AK 8191/3DL AK 8191/3DR CN-BL1 CN-BL2 CN-WA CN-BZ 65019500 00 65022500 00 65026500 00 65019600 00 65022600 00 65026600 00 65019700 00 65022700 00 65026700 00 66000052 00 66000062 00 66000072 00 66000082 00 66000032 00 66000042 00 66000012 00 66000022 00 Front panel, plug-in Front panel, plug-in Front panel, plug-in Front flap, snap-on Front flap, snap-on Front flap, snap-on Front flap, clear, snap-on Front flap, clear, snap-on Front flap, clear, snap-on Connection terminals, 2-pole, on left of component side (seen from front), PCB vertical Connection terminals, 2-pole, on right of component side (seen from front), PCB vertical Connection terminals, 3-pole, on left of component side (seen from front), PCB vertical Connection terminals, 3-pole, on right of component side (seen from front), PCB vertical Blind piece, 1-pole, for unused terminal locations Blind piece, 2-pole, for unused terminal locations Wall adapter for mounting single enclosures to wall Marking plate for clipping onto upper and lower section of enclosure front Model Part Number Version Version Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only. Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only. |
Similar Part No. - 3420100600 |
|
Similar Description - 3420100600 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |