Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC95G104W Datasheet(PDF) 1 Page - Amphenol Corporation

Part # DC95G104W
Description  Precision, solid state temperature sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

DC95G104W Datasheet(HTML) 1 Page - Amphenol Corporation

  DC95G104W Datasheet HTML 1Page - Amphenol Corporation DC95G104W Datasheet HTML 2Page - Amphenol Corporation DC95G104W Datasheet HTML 3Page - Amphenol Corporation DC95G104W Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTC
Interchangeable
Type 95 Series
Thermometrics Thermistors
Features
•Precision, solid state temperature sensor
•Interchangeability down to ±0.18°F (±0.1°C)
•Suitable for use over a range of -112°F to
302°F (–80°C to 150°C)
•High sensitivity, greater than –4%/°C at 77°F
(25°C)
•Suitable for temperature measurement,
control and compensation
•High reliability and stability over an
interchangeable range
• Most popular Resistance (R) vs Temperature
(T) curves are available
• Resin-coated for good mechanical strength
and resistance to solvents
• Rugged construction
• DC95: .012 in (0.3mm) diameter bare tinned
copper lead wires
• EC95: .008 in (0.2mm) diameter bare tinned
Cu-Ni alloy lead wires
• TK95: .010 in (.25mm) diameter PTFE/PFA
Cu-Ni alloy lead wires
Amphenol
Advanced Sensors


Similar Part No. - DC95G104W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DC95G104W ETC2-DC95G104W Datasheet
178Kb / 4P
   Thermometrics Thermistors
More results

Similar Description - DC95G104W

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MC65 AMPHENOL-MC65 Datasheet
53Kb / 4P
   Precision, solid state temperature sensor
C100F202F AMPHENOL-C100F202F Datasheet
54Kb / 2P
   Low cost, solid state temperature sensor
HM70N232J AMPHENOL-HM70N232J Datasheet
57Kb / 4P
   Low cost, solid state temperature sensor
RL0703-624-73-MS AMPHENOL-RL0703-624-73-MS Datasheet
66Kb / 2P
   Low cost, solid state temperature sensor
logo
Honeywell Accelerometer...
SS526GT HONEYWELL-ACC-SS526GT Datasheet
367Kb / 2P
   SOLID STATE SENSOR
SS41-S HONEYWELL-ACC-SS41-S Datasheet
395Kb / 4P
   SOLID STATE SENSOR
logo
Honeywell Solid State E...
2SS52M HONEYWELL-2SS52M Datasheet
315Kb / 2P
   SOLID STATE SENSOR
logo
Honeywell Accelerometer...
SS41L HONEYWELL-ACC-SS41L Datasheet
395Kb / 4P
   SOLID STATE SENSOR
logo
List of Unclassifed Man...
SS443A-L ETC-SS443A-L Datasheet
590Kb / 4P
   SOLID STATE SENSOR
logo
Honeywell Solid State E...
SS50AT HONEYWELL-SS50AT Datasheet
287Kb / 3P
   SOLID STATE SENSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com