Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC30F232V Datasheet(PDF) 3 Page - Amphenol Corporation

Part # SC30F232V
Description  Thermometrics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SC30F232V Datasheet(HTML) 3 Page - Amphenol Corporation

  SC30F232V Datasheet HTML 1Page - Amphenol Corporation SC30F232V Datasheet HTML 2Page - Amphenol Corporation SC30F232V Datasheet HTML 3Page - Amphenol Corporation SC30F232V Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type SC50
Specifications
NTC Interchangeable Type SC50
Sleeved interchangeable chip thermistors with
heavy isomid insulated copper lead wires.
Options
Consult Factory for Availability of Options.
•Otherresistancevaluesintherangeof
1000 Ω to 100 kΩ
•Othertolerancesorranges
•Alternativeleadwiresorlengths
•NonstandardRvsTcurves
•Controlleddimensions
Thermal and Electrical
Properties
Dissipation Constant
Still air:
0.5 mW/°C
Stirred oil:
0.4 mW/°C
Thermal Time Constant
Still air:
8 seconds
Stirred oil:
0.5 seconds
Maximum Power at 77°F (25°C)
~50 mW
De-rated from 100% at 77°F (25°C) to 0% at
212°F (100°C)
Ordering Information
Select appropriate part number below for
resistance and temperature tolerance desired.
R25°C
Material
System
±0.18°F (±0.1°C)
32°F to 158°F
(0°C to 70°C)
±0.36°F (±0.2°C)
32°F to 158°F
(0°C to 70°C)
2252
F
SC50F232V
SC50F232W
3000
F
SC50F302V
SC50F302W
5000
F
SC50F502V
SC50F502W
10000
F
SC50F103V
SC50F103W
10000
Y
SC50Y103V
SC50Y103W
30000
H
SC50H303V
SC50H303W
50000
G
SC50G503V
SC50Y503W
100000
Y
SC50Y104V
SC50Y104W
100000
G
SC50G104V
SC50G104W
NTC Interchangeable Type SC30 dimensions
Epoxy fillet
32GA, copper
Bifilar leads
Ø 0.050 in
(1.5 mm)
maximum
1.5 in (38 mm) minimum
Length from 0.04 to 0.12 in (1 to 3 mm)
depending on resistance of thermistor
Polyimide sleeve


Similar Part No. - SC30F232V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC30F232V ETC2-SC30F232V Datasheet
167Kb / 1P
   INSULATED LEAD INTERCHANGEABLE CHIP THERMISTOR
More results

Similar Description - SC30F232V

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
DO35 AMPHENOL-DO35 Datasheet
95Kb / 8P
   Thermometrics
P20 AMPHENOL-P20 Datasheet
73Kb / 4P
   Thermometrics
RL1004-10K-0-S1 AMPHENOL-RL1004-10K-0-S1 Datasheet
48Kb / 2P
   Thermometrics
ZTP-115ML AMPHENOL-ZTP-115ML Datasheet
94Kb / 2P
   Thermometrics
ZTP-135BS AMPHENOL-ZTP-135BS Datasheet
199Kb / 4P
   Thermometrics
A990 AMPHENOL-A990 Datasheet
115Kb / 2P
   Thermometrics Thermistors
FP07 AMPHENOL-FP07 Datasheet
78Kb / 2P
   Thermometrics Fastip
logo
List of Unclassifed Man...
DC95G104V ETC2-DC95G104V Datasheet
178Kb / 4P
   Thermometrics Thermistors
logo
Amphenol Corporation
YQS5838PTF AMPHENOL-YQS5838PTF Datasheet
194Kb / 2P
   Thermometrics PTC Thermistors
ZTP-188MA AMPHENOL-ZTP-188MA Datasheet
212Kb / 4P
   Thermometrics IR Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com