Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9421YVI-2.7 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X9421YVI-2.7
Description  Single Digitally Controlled (XDCP) Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9421YVI-2.7 Datasheet(HTML) 5 Page - Xicor Inc.

  X9421YVI-2.7 Datasheet HTML 1Page - Xicor Inc. X9421YVI-2.7 Datasheet HTML 2Page - Xicor Inc. X9421YVI-2.7 Datasheet HTML 3Page - Xicor Inc. X9421YVI-2.7 Datasheet HTML 4Page - Xicor Inc. X9421YVI-2.7 Datasheet HTML 5Page - Xicor Inc. X9421YVI-2.7 Datasheet HTML 6Page - Xicor Inc. X9421YVI-2.7 Datasheet HTML 7Page - Xicor Inc. X9421YVI-2.7 Datasheet HTML 8Page - Xicor Inc. X9421YVI-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
X9421
REV 1.1.6 8/1/02
Characteristics subject to change without notice.
5 of 21
www.xicor.com
At both ends of the array and between each resistor
segment is a CMOS switch connected to the wiper
(VW/RW) output. Within the individual array only one
switch may be turned on at a time.
These switches are controlled by a Wiper Counter
Register (WCR). The six bits of the WCR are decoded
to select, and enable, one of sixty-four switches. The
block diagram of the potentiometer is shown in Figure 1.
Wiper Counter Register (WCR)
The X9421 contains a Wiper Counter Register. The
WCR can be envisioned as a 6-bit parallel and serial
load counter with its outputs decoded to select one of
sixty-four
switches
along
its
resistor
array. The
contents of the WCR can be altered in four ways: it
may be written directly by the host via the Write Wiper
Counter Register instruction (serial load); it may be
written indirectly by transferring the contents of one of
four associated Data Registers via the XFR Data
Register instruction (parallel load); it can be modified
one step at a time by the Increment/ Decrement
instruction. Finally, it is loaded with the contents of its
data register zero (DR0) upon power-up.
The Wiper Counter Register is a volatile register; that
is, its contents are lost when the X9421 is powered-
down. Although the register is automatically loaded
with the value in DR0 upon power-up, this may be
different from the value present at power-down.
Data Registers
The potentiometer has four 6-bit nonvolatile Data
Registers. These can be read or written directly by the
host. Data can also be transferred between any of the
four Data Registers and the WCR. It should be noted all
operations changing data in one of the Data Registers is
a nonvolatile operation and will take a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can
be used as regular memory locations for system
parameters or user preference data.
Register Descriptions
Table 1. Data Registers, (6-bit), Nonvolatile
There are four 6-bit Data Registers associated with the
potentiometer.
– {D5~D0}: These bits are for general purpose Nonvol-
atile data storage or for storage of up to four different
wiper values.
Table 2. Wiper Counter Register, (6-bit), Volatile
– {WP5~WP0}: These bits specify the wiper position of
the potentiometer.
0
0
D5
D4
D3
D2
D1
D0
(MSB)
(LSB)
0
0
WP5 WP4 WP3 WP2 WP1 WP0
(MSB)
(LSB)


Similar Part No. - X9421YVI-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9421YV14 INTERSIL-X9421YV14 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
X9421YV14 INTERSIL-X9421YV14 Datasheet
333Kb / 20P
   Single Digitally Controlled (XDCP?? Potentiometer
X9421YV14 INTERSIL-X9421YV14 Datasheet
333Kb / 20P
   Single Voltage Potentiometer
logo
Renesas Technology Corp
X9421YV14 RENESAS-X9421YV14 Datasheet
805Kb / 20P
   Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9421YV14-2.7 INTERSIL-X9421YV14-2.7 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
More results

Similar Description - X9421YVI-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com